Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0 Datasheet(PDF) 127 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 127 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 123Page - SPANSION S71PL129JC0 Datasheet HTML 124Page - SPANSION S71PL129JC0 Datasheet HTML 125Page - SPANSION S71PL129JC0 Datasheet HTML 126Page - SPANSION S71PL129JC0 Datasheet HTML 127Page - SPANSION S71PL129JC0 Datasheet HTML 128Page - SPANSION S71PL129JC0 Datasheet HTML 129Page - SPANSION S71PL129JC0 Datasheet HTML 130Page - SPANSION S71PL129JC0 Datasheet HTML 131Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
125
Advance
Informatio n
64M pSRAM
Notes:
1. Standby mode is supposed to be set up after at least one active operation after power up. ISB1 is measure after 60ms from
the time when standby mode is set up.
128M pSRAM
Notes:
Standby mode is supposed to be set up after at least one active operation after power up. ISB1 is measured after 60ms
from the time when standby mode is set up.
Item
Symbol
Test Conditions
Min Typ Max Unit
Average Operating
Current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA,
CS1#
≤0.2V, LB#≤0.2V and/or UB#≤0.2V,
CS2
≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
—
— TBD mA
ICC2
Async
Cycle time=Min, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN=VIH or VIL
—
— TBD mA
Page
Cycle time=tRC+3tPC, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN-VIH or VIL
45
mA
Standby Current (CMOS)
ISB1 (Note 1)
Other inputs=0-VCC
1. CS1# ≥ VCC - 0.2, CS2 ≥ VCC - 0.2V (CS1#
controlled) or
2. 0V ≤ CS2 ≤ 0.2V (CS2 controlled)
—
— 120
µA
Item
Symbol
Test Conditions
Min Typ Max Unit
Average Operating
Current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA, CS1#≤0.2V,
LB#
≤0.2V and/or UB#≤0.2V, CS2≥VCC-0.2V, VIN≤0.2V or
VIN≥VCC-0.2V
—
— TBD mA
ICC2
Cycle time=tRC+3tPC, IIO=0mA, 100% duty, CS1#=VIL,
CS2=VIH LB#=VIL and/or UB#=VIL, VIN-VIH or VIL
—
— TBD mA
Standby Current (CMOS) ISB1 (Note 1)
Other inputs=0-VCC
1. CS1# ≥ VCC - 0.2, CS2 ≥ VCC - 0.2V (CS1# controlled) or
2. 0V ≤ CS2 ≤ 0.2V (CS2 controlled)
—
— TBD µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com