Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0 Datasheet(PDF) 134 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 134 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 130Page - SPANSION S71PL129JC0 Datasheet HTML 131Page - SPANSION S71PL129JC0 Datasheet HTML 132Page - SPANSION S71PL129JC0 Datasheet HTML 133Page - SPANSION S71PL129JC0 Datasheet HTML 134Page - SPANSION S71PL129JC0 Datasheet HTML 135Page - SPANSION S71PL129JC0 Datasheet HTML 136Page - SPANSION S71PL129JC0 Datasheet HTML 137Page - SPANSION S71PL129JC0 Datasheet HTML 138Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 153 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71PL129Jxx_00
Revision A Amendment 8 Issue Date October 28, 2005
Features
Asynchronous SRAM Interface
Fast Access Time
—tCE = tAA = 60 ns max (16M)
—tCE = tAA = 65 ns max (32M/64M)
8 words Page Access Capability
—tPAA = 20 ns max (32M/64M)
Low Voltage Operating Condition
—VDD = +2.7 V to +3.1 V
Wide Operating Temperature
— TA = -30°C to +85°C
Byte Control by LB and UB
Various Power Down modes
— Sleep (16M)
— Sleep, 4M-bit Partial, or 8M-bit Partial (32M)
— Sleep, 8M-bit Partial, or 16M-bit Partial (64M)
Pin Description
pSRAM Type 7
16Mb(1M word x 16-bit)
32Mb(2M word x 16-bit)
64Mb(4M word x 16-bit)
CMOS 1M/2M/4M-Word x 16-bit pSRAM
ADVANCE
INFORMATION
Pin Name
Description
A21 to A0
Address Input: A19 to A0 for 16M, A20 to A0 for 32M, A21 to A0 for 64M
CE1#
Chip Enable (Low Active)
CE2
Chip Enable (High Active)
WE#
Write Enable (Low Active)
OE#
Output Enable (Low Active)
UB#
Upper Byte Control (Low Active)
LB#
Lower Byte Control (Low Active)
DQ16-9
Upper Byte Data Input/Output
DQ8-1
Lower Byte Data Input/Output
VDD
Power Supply
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com