Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN68681 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCN68681
Description  Dual asynchronous receiver/transmitter DUART
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68681 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCN68681 Datasheet HTML 1Page - NXP Semiconductors SCN68681 Datasheet HTML 2Page - NXP Semiconductors SCN68681 Datasheet HTML 3Page - NXP Semiconductors SCN68681 Datasheet HTML 4Page - NXP Semiconductors SCN68681 Datasheet HTML 5Page - NXP Semiconductors SCN68681 Datasheet HTML 6Page - NXP Semiconductors SCN68681 Datasheet HTML 7Page - NXP Semiconductors SCN68681 Datasheet HTML 8Page - NXP Semiconductors SCN68681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Philips Semiconductors
Product specification
SCN68681
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
3
PIN CONFIGURATIONS
1
39
17
28
40
29
18
7
PLCC
6
PIN/FUNCTION
1
NC
16 OP5
31 OP2
2
A1
17 OP7
32 OP0
3
IP3
18 D1
33 TxDA
4A2
19 D3
34 NC
5
IP1
20 D5
35 RxDA
6
A3
21 D7
36 X1/CLK
7
A4
22 GND
37 X2
8
IP0
23 NC
38 RESETN
9
R/WN
24 INTRN
39 CSN
10 DTACKN
25 D6
40 IP2
11
RxDB
26 D4
41 IACKN
12 NC
27 D2
42 IP5
13 TxDB
28 D0
43 IP4
14 OP1
29 OP6
44 VCC
15 OP3
30 OP4
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
DIP
VCC
IP4
IP5
IACKN
IP2
CSN
RESETN
X2
X1/CLK
RxDA
TxDA
OP0
OP2
OP4
OP6
D0
D2
D4
D6
INTRN
A1
IP3
A2
IP1
A3
A4
IP0
R/WN
DTACKN
RxDB
TxDB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
GND
SD00107
Figure 1. Pin Configurations
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range2
See Note 4
°C
TSTG
Storage temperature range
-65 to +150
°C
All voltages with respect to ground3
-0.5 to +6.0
V
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150oC maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range. See Ordering information table for applicable operating temperature range and VCC
supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com