Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5SMF Datasheet(PDF) 11 Page - Cree LED

Part # C5SMF
Description  C5SMF-Rxx,Gxx,Bxx:Screen Master® 5-mm Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

C5SMF Datasheet(HTML) 11 Page - Cree LED

Back Button C5SMF Datasheet HTML 4Page - Cree LED C5SMF Datasheet HTML 5Page - Cree LED C5SMF Datasheet HTML 6Page - Cree LED C5SMF Datasheet HTML 7Page - Cree LED C5SMF Datasheet HTML 8Page - Cree LED C5SMF Datasheet HTML 9Page - Cree LED C5SMF Datasheet HTML 10Page - Cree LED C5SMF Datasheet HTML 11Page - Cree LED C5SMF Datasheet HTML 12Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
C5SMF-Rxx, Gxx, Bxx:SCREEN MASTER® 5-MM OVAL LEDs
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1240
REV 6
11
SOLDERING GUIDELINES
The LED soldering specification is shown below(suitable for both leaded solder & lead-free solder):
Manual Soldering
Solder Dipping
Soldering iron
35 W max
Preheat
110 ºC max
Temperature
300 ºC max
Preheat time
60 seconds max
Solder-bath temperature
260 ºC Max
Soldering time
3 seconds max
Dipping time
5 seconds max
Position
Not less than 3 mm from the base of the package.
Position
Not less than 3 mm from the base of the package.
• Manual soldering onto the PCB is not recommended because soldering time is uncontrollable.
• The recommended wave soldering is as below:
10
20
30
40
50
60
70
80
90
100
110
120
0
30
150
100
300
250
200
50
Times (sec)
laminar wave
Fluxing
Preheat
• Do not apply any stress to the LED package, particularly when heated.
• Only bottom preheat is suggested & should not preheat on top in order to reduce thermal stress experienced by the LEDs.
• The LEDs must not be re used once they have been extracted from PCB.
• After soldering the LEDs, the package should be protected from mechanical shock or vibration until the LEDs have reached 40 ºC or
below.
• Precautions must be taken as mechanical stress on the LEDs may be caused by PCB warpage or from the clinching and cutting of
the LED leads.
• When it is necessary to clam the LEDs during soldering, it is important to ensure no mechanical stress is exerted on the LEDs.
• Cut the LED lead at normal room temperature. Lead cutting at high temperature may cause failure of the LEDs.
• Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com