Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6230/12C Datasheet(PDF) 2 Page - Alpha Wire

Part # 6230/12C
Description  24 (7/32) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6230/12C Datasheet(HTML) 2 Page - Alpha Wire

  6230/12C Datasheet HTML 1Page - Alpha Wire 6230/12C Datasheet HTML 2Page - Alpha Wire 6230/12C Datasheet HTML 3Page - Alpha Wire 6230/12C Datasheet HTML 4Page - Alpha Wire 6230/12C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Diameter ("in")
1) Component 1
12 x 1 PAIR
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.0125" Wall, Nom. Polyethylene, Foam
0.049
(1) Color Code
Alpha Wire Color Code M
Pair Color
Pair Color
Pair Color
1
BLUE/WHITE
-
WHITE/BLUE
5
SLATE/WHITE
-
WHITE/SLATE
9
BROWN/RED
-
RED/BROWN
2
ORANGE/WHITE
-
WHITE/ORANGE
6
BLUE/RED -
RED/BLUE
10
SLATE/RED
-
RED/SLATE
3
GREEN/WHITE
-
WHITE/GREEN
7
ORANGE/RED
-
RED/ORANGE
11
BLUE/BLACK
-
BLACK/BLUE
4
BROWN/WHITE
-
WHITE/BROWN
8
GREEN/RED
-
RED/GREEN
12
ORANGE/BLACK
-
BLACK/ORANGE
c) Pair
2/Cond Cabled Together
(1) Twists
9.6 Twists/foot (min.)
2) Component 2
1 X 1 COND
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.0125" Wall, Nom. Polyethylene, Foam
0.049
(1) Color(s)
Cond Color
Cond
Color Cond
Color
1
GREEN/BLACK
3) Cable Assembly
13 Components Cabled
a) Twists
2.4 Twists/foot (min)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
4) Shield
Alum/Mylar Tape, 25% Overlap (min.)
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG Tinned Copper
c) Braid
Tinned Copper,65% Coverage (min.)
5) Jacket
0.035" Wall, Nom. PVC
0.440 (0.462 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6230/12C 12PR/1C 24 AWG
SHIELDED 75C (UL) TYPE CMG OR AWM 2919 LOW
VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG 60C FT4
CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com