Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

882002 Datasheet(PDF) 1 Page - Alpha Wire

Part # 882002
Description  20 (10/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

882002 Datasheet(HTML) 1 Page - Alpha Wire

  882002 Datasheet HTML 1Page - Alpha Wire 882002 Datasheet HTML 2Page - Alpha Wire 882002 Datasheet HTML 3Page - Alpha Wire 882002 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 882002
Construction
Diameter ("in")
1) Component 1
2 x 1 COND
a) Conductor
20 (10/30) AWG Tinned Copper
0.037
b) Insulation
0.016" Wall, Nom. PVC
0.069
(1) Color Code
Alpha Wire Color Code R
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
2) Cable Assembly
2 Components Cabled
a) Twists
6.0 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
3) Jacket
0.032" Wall, Nom. PVC
0.202 (0.212 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 882002 2C 20 AWG
(UL) TYPE CL2 90C OR AWM 2464 80C 300V
C(RU) AWM II A/B 90C 300V FT4
CE ROHS
* = Factory Code
Applicable Specifications
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
CL2
90°C
2) CSA International
C(RU) AWM II A/B
90°C / 300 VRMS
FT4
3) CE
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 882002

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
882003 ALPHAWIRE-882003 Datasheet
406Kb / 4P
20 (10/30) AWG Tinned Copper
882004 ALPHAWIRE-882004 Datasheet
406Kb / 4P
20 (10/30) AWG Tinned Copper
882005 ALPHAWIRE-882005 Datasheet
407Kb / 4P
20 (10/30) AWG Tinned Copper
882006 ALPHAWIRE-882006 Datasheet
406Kb / 4P
20 (10/30) AWG Tinned Copper
882007 ALPHAWIRE-882007 Datasheet
407Kb / 4P
20 (10/30) AWG Tinned Copper
More results

Similar Description - 882002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com