Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC858LC4B Datasheet(PDF) 4 Page - Analog Devices

Part # HMC858LC4B
Description  14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC858LC4B Datasheet(HTML) 4 Page - Analog Devices

  HMC858LC4B Datasheet HTML 1Page - Analog Devices HMC858LC4B Datasheet HTML 2Page - Analog Devices HMC858LC4B Datasheet HTML 3Page - Analog Devices HMC858LC4B Datasheet HTML 4Page - Analog Devices HMC858LC4B Datasheet HTML 5Page - Analog Devices HMC858LC4B Datasheet HTML 6Page - Analog Devices HMC858LC4B Datasheet HTML 7Page - Analog Devices HMC858LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HMC858LC4B
v05.0322
14 Gbps, 2:1 DIFFERENTIAL SELECTOR
WITH PROGRAMMABLE OUTPUT VOLTAGE
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
[1] VR = 0.0 V
[2] Vee = -3.3 V
[3] Device measured on evaluation board with port extensions
Eye Diagram
Timing Diagram
Truth Table
Inputs
Outputs
SP
SN
DP
H
L
A -> D
L
H
B -> D
H = Positive voltage level
L = Negative voltage level
Notes:
D = DP - DN
S = SP - SN
[1] Test Conditions:
Waveform generated with an Agilent N4903A
J-Bert differential 400 mV 13 Gbps PN 215-1 input signal.
Eye Diagram data presented on a Tektronix CSA 8000
Isolation [1][2][3]
-60
-40
-20
0
20
0
3
6
9
12
15
18
Port A - ACTIVE
Port B - ACTIVE
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com