Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1ICS3001 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SL1ICS3001
Description  I.CODE1 Label IC Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3001 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SL1ICS3001 Datasheet HTML 12Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 13Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 14Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 15Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 16Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 17Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 18Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 19Page - NXP Semiconductors SL1ICS3001 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
I•CODE1 Chip Specification
Rev. 2.1
May 2000
SL040521.doc/M
Public
Page 16 of 22
14 Hints for Label IC Encapsulation
14.1 Protection against Visible Light
As a result of the ultra low power design of the I•CODE1 Label IC some analogue circuits on the
chip are light sensitive. This means that common sun light can impact the operation of the label if
the chip is not protected against visible light radiation.
Measurements have shown that a radiation of Emax = 60 W/m
2 (spectrum: 400 to 1000 nm) causes a
reduced operating range of the plain chip.
Measurements of direct sunlight in summer deliver values up to 260 W/m
2.
To ensure proper operation an expected minimum radiation reduction factor of approx. 9
(2 x 260/60 = 8.7) must be provided by the encapsulation. That means special care has to be taken
to ensure a sufficient light protection of the I•CODE1 Label IC (e.g. non translucent encapsulation
or underfiller, ...) according to application requirements.
14.2 Protection against UV Light
An EEPROM memory, as it is also used in the I•CODE1 Label IC, has some principle sensitivity to
UV light (applies to EEPROM-technology in general).
Thus strong UV exposure in the production of inlets/labels has to be avoided. UV protection has to
be ensured using appropriate assembly methods.
14.3 Resistance to X-Rays
X-ray exposure on comparable Philips ICs (with even smaller feature size) caused neither a long
term influence on the behaviour of the ICs nor on the data retention of the EEPROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com