Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1ICS3101U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL1ICS3101U
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U Datasheet(HTML) 3 Page - NXP Semiconductors

  SL1ICS3101U Datasheet HTML 1Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 2Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 3Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 4Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 5Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 6Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 3 of 22
Public
11
HANDLING RECOMMENDATIONS
14
11.1 Sawing .................................................................................................................................. 14
11.2 Die Attach............................................................................................................................. 14
11.3 Wire Bonding....................................................................................................................... 14
12
COIL SPECIFICATION
14
13
ELECTRICAL SPECIFICATIONS
15
14
HINTS FOR LABEL IC ENCAPSULATION
16
14.1 Protection against Visible Light......................................................................................... 16
14.2 Protection against UV Light............................................................................................... 16
14.3 Resistance to X-Rays .......................................................................................................... 16
15
INLET/LABEL CHARACTERISATION AND TEST
17
15.1 Characterisation of the Inlet/Label ................................................................................... 17
15.2 Final Test of the Inlet/Label............................................................................................... 17
16
APPENDIX A: DIE PLAN
18
17
APPENDIX B: CLUSTER PLAN
19
18
APPENDIX C: CLUSTER MAP
20
19
APPENDIX D: WAFER MAP
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com