Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR91XFA Datasheet(PDF) 61 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 57Page - STMicroelectronics STR91XFA Datasheet HTML 58Page - STMicroelectronics STR91XFA Datasheet HTML 59Page - STMicroelectronics STR91XFA Datasheet HTML 60Page - STMicroelectronics STR91XFA Datasheet HTML 61Page - STMicroelectronics STR91XFA Datasheet HTML 62Page - STMicroelectronics STR91XFA Datasheet HTML 63Page - STMicroelectronics STR91XFA Datasheet HTML 64Page - STMicroelectronics STR91XFA Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
STR91xFA
Electrical characteristics
61/78
Table 26.
EMI write operation
Notes: 1 ALE_LENGTH = 1 by default (can be programmed to be 2 by setting the bits In the SCU_SCR0
register)
2 WSTWR =1Fh by default (WR wait state time = WSTWR x tBCLK, WSTWR can be programmed
in the EMI_WCRx Register)
3 WSTWEN= 0 by default (WR assertion delay from chip select. WSTWEN can be programmed
in the EMI_WECRx Register)
4 When the CPU executes a 16-bit write to a x8 EMI bus, the second write cycle's address setup
time is defined as tWAS=(WSTWEN - ½) x tBCLK
Symbol
Parameter
Test
Conditions
Value
Unit
Min
Max
tWCR
WRn to CSn inactive
(tBCLK/2) - 1
(tBCLK/2) +1
ns
tWP
Write Pulse Width
(WSTWR-WSTWEN + 1) x
tBCLK - 1
(WSTWR-WSTWEN + 1) x
tBCLK + 1
ns
tWDS
Write Data Setup
Time
(non-mux mode)
(WSTWEN + 1/2) x tBCLK
ns
Write Data Setup
Time
(mux mode )
ALE
length=1
WSTWEN>2
(WSTWEN - 1.5) x tBCLK
ALE
length=2
WSTWEN>3
(WSTWEN - 2.5) x tBCLK
tWDH
Write Data Hold
Time
(tBCLK/2) - 1
(tBCLK/2) + 1
ns
tWAS
Write Address Setup
Time
(WSTWEN + 1/2) x
tBCLK -1
4)
(WSTWEN + 1/2) x
tBCLK +1
4)
ns
tWAH
Write Address Hold
Time
tBCLK/2
ns
tAW
ALE pulse width
(ALE_LENGTH x tBCLK )-1
(ALE_LENGTH x tBCLK )
+1
ns
tAAH
Address to ALE hold
time
(tBCLK/2) -1
(tBCLK/2) + 1
ns
tAAS
Address to ALE
setup time
(ALE_LENGTH x tBCLK)- 1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com