Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32X6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 48Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 49Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 50Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 51Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 52Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 53Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 54Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 55Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Electrical characteristics
STR91xFA
52/78
6.5
AC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 11.
AC electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
IDDRUN
Run Mode Current
All peripherals
on
CPU_CLK =
96 MHz
(1)(2)(5)
1.
ARM core and peripherals active with all clocks on. Power can be conserved by turning off clocks to peripherals
which are not required.
2.
mA/MHz data valid down to 10 MHz
1.7
2.3
mA/
MHz
All peripherals
off
1.3
1.6
IIDLE
Idle Mode Current
All peripherals on (2)(3)(5)
3.
ARM core stopped and all peripheral clocks active.
1.14
1.7
mA/
MHz
All peripherals off(2)(4)(5)
4.
ARM core stopped and all peripheral clocks stopped.
0.45
0.75
mA/
MHz
ISLEEP(IDD)
Sleep Mode Current,
IDD
LVD On (5)
55
825
µA
LVD Off (5)
5.
ARM core and all peripheral clocks stopped (with exception of RTC)
50
820
µA
ISLEEP(IDDQ)
Sleep Mode Current,
IDDQ
LVD On (4)
7TBD
µA
LVD Off (4)
7TBD
µA
IRTC_STBY
RTC Standby Current
Measured on VBATT pin
0.3
0.9
µA
ISRAM_STBY SRAM Standby Current Measured on VBATT pin
5
85
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com