Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAW32X6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STR910FAW32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STR910FAW32X6 Datasheet HTML 59Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 60Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 61Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 62Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 63Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 64Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 65Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 66Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
STR91xFA
Electrical characteristics
63/78
6.14
ADC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 27.
ADC electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
VAIN
Input Voltage Range
0
AVREF
V
RES
Resolution
10
Bits
NCH
Number of Input Channels
8
N
fADC
ADC Clock Frequency
25
MHz
tPOR(ADC) POR bit set to Standby mode
500
ms
tCONV
Conversion Time(1)
1.
Guaranteed by design, not tested in production.
Continuous mode(2)
1*16/fADC
µs
Continuous mode(2)
fADC = 24 MHz
2.
All sucessive conversions in continuous and scan modes.
0.66
µs
Single mode(3)
2*16/fADC
3*16/fADC
µs
Single mode(3),
fADC = 24 MHz
3.
All single conversions and the first conversion in continuous and scan modes.
1.33
2
µs
TR
Throughput Rate
Continuous mode (2)
fADC = 24 MHz
1500
ksps
Single mode(3)
fADC = 24 MHz
500
750
ksps
CIN
Input Capacitance
5
pF
ED
Differential Non-Linearity
(4) (5)
4.
Conditions: AVSS = 0 V, AVDD = 3.3 V fADC = 25 MHz.
5.
The A/D is monotonic, there are no missing codes.
13
LSB(6)
6.
1 LSB = (AVDD - AVSS)/1024
EL
Integral Non-Linearity
(4)
36
LSB
EO
Offset Error
(4)
36
LSB
EG
Gain Error
(4)
0.5
2
LSB
ET
Absolute Error
(4)
46
LSB
IADC
Power Consumption
4.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com