Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM44X6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STR911FAM44X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM44X6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STR911FAM44X6 Datasheet HTML 38Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 39Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 40Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 41Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 42Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 43Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 44Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 45Page - STMicroelectronics STR911FAM44X6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
Pin description
STR91xFA
42/78
-64
K9
P9.7
I/O
GPIO_9.7,
GP Input, HiZ
--
GPIO_9.7,
GP Output
8b) EMI_A15,
16b)EMI_AD15
-
-21
G4
EMI_BWR
_WRLn
O
EMI byte write
strobe (8 bit
mode) or low
byte write strobe
(16 bit mode)
Can also be
configured as
EMI_LBn in
BGA package
N/A
-
22
H1
EMI_WRHn
O
EMI high byte
write strobe (16-
bit mode)
Can also be
configured as
EMI_UBn in
BGA package
N/A
-
74
J10
EMI_ALE
O
EMI address
latch enable
(mux mode)
N/A
-
75
J9
EMI_RDn
O
EMI read strobe
N/A
-
-
H8
EMI_BAAn
O
EMI Burst
address
advance
N/A
-
-
K8
EMI_WAITn
I
EMI Wait input
for burst mode
device
N/A
-
-
M8
EMI_BCLK
O
EMI bus clock
N/A
-
-
A12
EMI_WEn
O
EMI write enable
N/A
-91 E10
TAMPER
_IN
I
Tamper
detection input
N/A
-
94 D11
MII_MDIO
I/O
MAC/PHY
management
data line
N/A
59
95 D10
USBDN
I/O
USB data (-) bus
connect
N/A
60
96 C11
USBDP
I/O
USB data (+)
bus connect
N/A
56
89 C12
RESET
_INn
I
External reset
input
N/A
62
100 A9
RESET
_OUTn
O
Global or
System reset
output
N/A
65
104 A10
X1_CPU
I
CPU oscillator or
crystal input
N/A
64
103 A11
X2_CPU
O
CPU crystal
connection
N/A
27
42
M5
X1_RTC
I
RTC oscillator or
crystal input
(32.768 kHz)
N/A
26
41
M4
X2_RTC
O
RTC crystal
connection
N/A
61
97 B11
JRTCK
O
JTAG return
clock or RTC
clock
N/A
67
107 D8
JTRSTn
I
JTAG TAP
controller reset
N/A
68
108 E8
JTCK
I
JTAG clock
N/A
Pkg
Pin Name
Default Pin
Function
Default Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com