Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDL2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDL2
Description  UHF Transparent Data Link transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDL2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Radiometrix Ltd
TDL2 Data Sheet
page 3
18
17
16
15
14
13
12
11
10
GND
Vcc
ENABLE
TXD
SETUP
NC
RXD
STATUS
GND
1
2
3
4
5
6
7
8
9
RF GND
Antenna
RF GND
GND
GND
No pin
33 mm
30.48 mm
23 mm
7 mm
side view (through can)
top view (without can)
side view (with can)
recommended PCB hole size: 1.2 mm
module footprint size: 25 x 32 mm
pin pitch: 2.54 mm
pins 4, 5, 6 & 7 are not fitted
Pin description – TLC2
Pin
Name
Function
18
GND
Ground
17
Vcc
5V (regulated power supply)
16
ENABLE
Enable or DTR (5V CMOS logic level input)
15
SETUP
Test/Setup mode selection
14
TXD
Transmit Data (Inverted RS232 at 5V CMOS logic level)
13
NC
No Pin
12
RXD
Receive Data (Inverted RS232 at 5V CMOS logic level)
11
STATUS
Busy or CTS (5V CMOS logic level output)
10
GND
Ground
RF GND
pin 1 & 3
RF Ground pin, internally connected to the module screen and pin 8, 9, 10 and 18 (0V). This pin should
be connected to the RF return path (e.g. co-axial cable braid, main PCB ground plane, etc).
RF
pin 2
50
Ω RF input/output from the antenna, it is DC isolated internally. (see antenna section for details).
GND
pin 8, 9, 10 and 18
Supply ground connection to ground plane and can.
VCC
pin 17
5V voltage regulator should be used to have a clean 5V supply to the module. A 3.5V regulator is used
inside for radio circuitry.
ENABLE
pin 16
Active low Enable pin. It has a 10k
Ω pull-ups to Vcc. It should be pulled Low to enable the module.
This can also be connected to DTR pin (only if it is asserted by the host) of an RS232 serial port via a
MAX232 or equivalent RS232-CMOS level converter.
Figure 3: TDL2 footpint (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com