Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA120 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TBA120
Description  Sound I.F. amplifier/demodulator for TV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TBA120 Datasheet(HTML) 6 Page - NXP Semiconductors

  TBA120 Datasheet HTML 1Page - NXP Semiconductors TBA120 Datasheet HTML 2Page - NXP Semiconductors TBA120 Datasheet HTML 3Page - NXP Semiconductors TBA120 Datasheet HTML 4Page - NXP Semiconductors TBA120 Datasheet HTML 5Page - NXP Semiconductors TBA120 Datasheet HTML 6Page - NXP Semiconductors TBA120 Datasheet HTML 7Page - NXP Semiconductors TBA120 Datasheet HTML 8Page - NXP Semiconductors TBA120 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
March 1986
6
Philips Semiconductors
Product specification
Sound I.F. amplifier/demodulator for TV
TBA120U
Fig.3
The a.f. output voltage at pin 8 as a function
of the resistance values as shown in Fig.4.
Fig.4 Resistor conditions for curves in Fig.3.
(1) Voaf with de-emphasis at ∆f= ± 50 kHz; fm = 1 kHz;
dtot = 1,5%; 0 dB ≅ 770 mV.
(2) Vi: 0 dB ≅ 200 mV at 60 Ω.
Fig.5
The a.f. output voltage at pin 8 as a function
of the input voltage with SFC 5,5 MA at the
input (see Fig.2).
(1) Voaf with de-emphasis at fm = 1 kHz; 0 dB ≅ 770 mV;
curve a:
∆f= ± 50 kHz; dtot = 3%;
curve b:
∆f= ± 25 kHz; dtot = 1%.
(2) Vi: 0 dB ≅ 200 mV at pin 14.
Fig.6
The a.f. output voltage at pin 8 as a function
of the input voltage with broadband input
(60
Ω).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com