Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45271 Datasheet(PDF) 1 Page - Alpha Wire

Part # 45271
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45271 Datasheet(HTML) 1 Page - Alpha Wire

  45271 Datasheet HTML 1Page - Alpha Wire 45271 Datasheet HTML 2Page - Alpha Wire 45271 Datasheet HTML 3Page - Alpha Wire 45271 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 45271
Construction
 
Diameters (In)
1) Component 1
1 X 1 PAIR
 
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.016" Wall, Nom. TPE
0.056
(1) Color Code
Alpha Wire Color Code B
Pair Color
Pair
Color Pair
Color
1
WHITE-BLACK
 
 
c) Cabling
2 COND Cabled
 
(1) Twists:
8.0 Twists/foot (min)
 
(2) Orientation:
Components to be arranged from INSIDE LAYER to OUTSIDE
LAYER
 
(3) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
2) Shield:
A/P/A Tape, 25% Overlap, Min.
 
a) Drain Wire
24 (7/32) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Nom.
 
3) Jacket
0.042" Wall, Nom.,TPE
0.228 (0.238 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 45271
XTRAGUARD(R) 4 RU AWM 20237/21918 125C 300V SUN
RES OR CRU AWM I/II A/B 125C 300 VOLTS FT1
P-07-KA140023-MSHA CE ROHS
(SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 45271

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4527 KEYSTONE-4527 Datasheet
186Kb / 1P
5mm PC FUSE HOLDER
5.12.94
logo
Heyco.
4527 HEYCO-4527 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
ITT Industries
452701000 ITT-452701000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
452702263 ITT-452702263 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
452703000 ITT-452703000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 45271

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com