Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39LF080 Datasheet(PDF) 25 Page - Silicon Storage Technology, Inc

Part # SST39LF080
Description  8 Mbit (x8) Multi-Purpose Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080 Datasheet(HTML) 25 Page - Silicon Storage Technology, Inc

Back Button SST39LF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 25Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
EOL Data Sheet
8 Mbit Multi-Purpose Flash
SST39LF080 / SST39VF080
25
©2007 Silicon Storage Technology, Inc.
S71146-07-EOL
6/07
FIGURE 21: 48-ball Thin-profile, Fine-pitch Ball Grid Array (TFBGA) 6mm x 8mm
SST Package Code: B3K
TABLE 14: REVISION HISTORY
Number
Description
Date
03
•
2002 Data Book
May 2002
04
•
B3K package no longer offered for SST39LF/VF016
•
Part number changes - see page 23 for additional information
•
Changes to Table 8 on page 10
– Added footnote for MPF power usage and Typical conditions
– Changed the IALP test onditions
– Clarified the test conditions for Power Supply Current and Read parameters
– Corrected the IDD Read Current from 15 mA to 20 mA
– Corrected the IDD Program and Erase Current from 20 mA to 30 mA
Mar 2003
05
•
Removed 16 Mbit parts (SST39LF/VF016); refer to SST39VF1681/1682 (S71243)
Aug 2003
06
•
2004 Data Book
•
Updated B3K package diagram
Nov 2003
07
•
End of Life Data Sheet for all devices in S71146
June 2007
A1 CORNER
H G F E D C B A
A B C D E F G H
BOTTOM VIEW
TOP VIEW
SIDE VIEW
6
5
4
3
2
1
6
5
4
3
2
1
SEATING PLANE
0.35 ± 0.05
1.10 ± 0.10
0.12
6.00 ± 0.20
0.45 ± 0.05
(48X)
A1 CORNER
8.00 ± 0.20
0.80
4.00
0.80
5.60
48-tfbga-B3K-6x8-450mic-4
Note:
1. Complies with JEDEC Publication 95, MO-210, variant 'AB-1', although some dimensions may be more stringent.
2. All linear dimensions are in millimeters.
3. Coplanarity: 0.12 mm
4. Ball opening size is 0.38 mm (± 0.05 mm)
1mm
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com