Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC201ACN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC201ACN
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201ACN Datasheet(HTML) 4 Page - Linear Technology

  LTC201ACN Datasheet HTML 1Page - Linear Technology LTC201ACN Datasheet HTML 2Page - Linear Technology LTC201ACN Datasheet HTML 3Page - Linear Technology LTC201ACN Datasheet HTML 4Page - Linear Technology LTC201ACN Datasheet HTML 5Page - Linear Technology LTC201ACN Datasheet HTML 6Page - Linear Technology LTC201ACN Datasheet HTML 7Page - Linear Technology LTC201ACN Datasheet HTML 8Page - Linear Technology LTC201ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC201A/LTC202/LTC203
4
201a23fb
LTC201AM/LTC202M/
LTC201AC/LTC202C/
LTC203M
LTC203C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tON
VS = 2V, RL = 1kΩ, CL = 35pF
450
600
450
600
ns
tOFF
190
300
190
300
ns
tOPEN
100
250
100
250
ns
Off Isolation
VS = 2VP-P, RL = 1kΩ, f = 100Hz
75
75
dB
Crosstalk
90
90
dB
Charge Injection OINJ
RS = 0Ω, CL = 1000pF, VS = 2.5V
2
2
pC
Total Harmonic Distortion THD
VS = 2VP-P, RL = 10kΩ
0.01
0.01
%
The ● denotes the specifications which
apply over full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = GND = 0V unless otherwise noted.
AC ELECTRICAL CHARACTERISTICS
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
LTC201AM/LTC202M/
LTC201AC/LTC202C/
LTC203M
LTC203C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Analog Signal Range
●
05
0
5
V
RON
VS = ±1.5V, +3V
TMIN
450
520
Ω
ID = 0.25mA
25°C
280
450
280
525
Ω
TMAX
650
650
Ω
∆RON vs VS
20
20
%
∆RON vs Temperature
0.5
0.5
%/°C
∆RON Match
VS = 2.5V, IDS = 0.25mA
5
5
%
Off Input Leakage IS (OFF)
VD = 4V, 1V; VS = 1V, 4V (Note 4)
0.01
±1
0.01
±5nA
Switch Off
●
±100
±100
nA
Off Output Leakage ID (0FF)
VD = 4V, 1V; VS = 1V, 4V (Note 4)
0.01
±1
0.01
+ 5
nA
Switch Off
●
±100
±100
nA
On Channel Leakage lD (ON)
VD = VS = 1V, 4V (Note 4)
0.01
±1
0.01
±5nA
Switch On
●
±200
±200
nA
Input High Voltage VINH
●
2.4
2.4
V
Input Low Voltage VINL
●
0.8
0.8
V
Input High or Low Current
VIN = 5V, 0V
●
±1
±1
µA
IINH and IINL
CS (OFF)
55
pF
CD (OFF)
12
12
pF
CD, CS (ON)
30
30
pF
I+
All Logic Inputs Tied Together
8
20
8
20
µA
VIN = 0V OR 4.0V
●
30
30
µA
V+ = 5V, V– = GND = 0V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Signals on S, D, or IN exceeding V+ or V– will be clamped by
internal diodes. Limit forward diode current to maximum current rating.
Note 3: In-circuit ESD on the switch pins (S or D) exceeds 4kV (see test
circuit).
Note 4: Leakage current with a single 5V supply is guaranteed by
correlation with the ±15V leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com