Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1001AM Datasheet(PDF) 10 Page - Linear Technology

Part # LT1001AM
Description  Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1001AM Datasheet HTML 6Page - Linear Technology LT1001AM Datasheet HTML 7Page - Linear Technology LT1001AM Datasheet HTML 8Page - Linear Technology LT1001AM Datasheet HTML 9Page - Linear Technology LT1001AM Datasheet HTML 10Page - Linear Technology LT1001AM Datasheet HTML 11Page - Linear Technology LT1001AM Datasheet HTML 12Page - Linear Technology LT1001AM Datasheet HTML 13Page - Linear Technology LT1001AM Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1001
1001fb
Precision Power Supply with Two Outputs
(1) 0V to 10V in 100
µV STEPS
(2) 0V to 100V in 1mV STEPS
–
+
–
+
2
3
1
8
6
–
+
2
3
6
1k
2N4393
Q1
2N4393
Q6
1001 TA12
100k**
100k**
10k*
10k*
10k**
10k**
10k
2k
100k
INPUT
100k
4.7k
4.7k
10k
4.7k
3.3k
15pF
30pF
15V
IN914
–15V
LM301A
2
3
6
2
3
6
VOUT
LT1001
LM301A
15pF
IN914
* 1% FILM
** RATIO MATCH 0.05%
Q2, 3, 4, 5 CA 3096 TRANSISTOR ARRAY
47pF
Q4
Q2
VSET
DEAD ZONE
CONTROL INPUT
0V TO 5V
–
+
Q5
LT1001
VSET
VSET
VOUT
VIN
Q3
15V
–15V
15V
25k
LM399
KVD
00000 –
99999 + 1
KELVIN-VARLEY
DIVIDER
ESI#DP311
–
+
2
100
Ω
6
IN914
2N2219
2k
22k*
43k*
(SELECT)
15V
100
Ω
5W
8.2k
3
2
4
µF
0.1
µF
2.2
µF
22
µF
2N6533
2N2907
1001 TA11
15V
1.8k
15V
5k
90k*
10k* (SELECT)
TRIM–100V
100
Ω
15
Ω
DIODES =
SEMTECH #
FF-15
OUTPUT
2
0V-100V, 25mA
OUTPUT 1
0V-10V
25mA
6
IN914
2k
IN914
3
LT1001
–
+
LT1001
–
+
2
6
VN-46
TRIAD TY-90
VN-46
33k
33k
74C74
33k
680pF
*JULIE RSCH. LABS
#R-44
3
LT301A
D
CLK
Q
Q
CLAMP SET
+
+
+
Dead Zone Generator
BIPOLAR SYMMETRY IS EXCELLENT BECAUSE ONE DEVICE, Q2, SETS BOTH LIMITS
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com