Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC080CDGNRG4 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080CDGNRG4
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080CDGNRG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC080CDGNRG4 Datasheet HTML 22Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 23Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 24Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 25Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 26Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 27Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 28Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 29Page - Texas Instruments TLC080CDGNRG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
26
WWW.TI.COM
APPLICATION INFORMATION
OUT
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
.subckt TLC08X_5V 1 2 3 4 5
*
c1
11 12 4.6015E−12
c2
6
7
8.0000E−12
css
10 99 986.29E−15
dc
5
53 dy
de
54 5
dy
dlp
90 91 dx
dln
92 90 dx
dp
4
3
dx
egnd
99 0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99 poly(5) vb vc ve vlp vln 0 13.984E6 −1E3 1E3
14E6 −14E6
ga
6
0
11
12 402.12E−6
gcm
0
6
10
99 1.5735E−6
ioff
0
6
dc
1.212E−6
iss
3
10 dc
130.40E−6
hlim
90 0
vlim 1K
j1
11 2
10
jx1
j2
12 1
10
jx2
r2
6
9
100.00E3
rd1
4
11
2.4868E3
rd2
4
12
2.4868E3
ro1
8
5
10
ro2
7
99 10
rp
3
4
2.8249E3
rss
10 99
1.5337E6
vb
9
0
dc
0
vc
3
53 dc
1.5537
ve
54 4
dc
.84373
vlim
7
8
dc
0
vlp
91 0
dc
117.60
vln
0
92 dc
117.60
.model dx D(Is=800.00E−18)
.model dy D(Is=800.00E−18 Rs=1m Cjo=10p)
.model jx1 PJF(Is=80.000E−15 Beta=1.2401E−3 Vto=−1)
.model jx2 PJF(Is=80.000E−15 Beta=1.2401E−3 Vto=−1)
.ends
VDD
RP
IN −
2
IN +
1
GND
VAD
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
60
VE
54
DE
DP
VC
DC
4
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DLP
91
DLN
92
VLN
VLP
99
7
*DEVICE=TLC08X_5V, OPAMP, PJF, INT
* TLC08X_5V − 5V operational amplifier ”macromodel” sub-
circuit
* created using Parts release 8.0 on 12/16/99 at 14:03
* Parts is a MicroSim product.
*
* connections:
non-inverting input
*
inverting input
*
positive power supply
*
negative power supply
*
output
*
Figure 54. Boyle Macromodel and Subcircuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com