Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201IPE4 Datasheet(PDF) 52 Page - Texas Instruments

Part # TLC2201IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201IPE4 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLC2201IPE4 Datasheet HTML 48Page - Texas Instruments TLC2201IPE4 Datasheet HTML 49Page - Texas Instruments TLC2201IPE4 Datasheet HTML 50Page - Texas Instruments TLC2201IPE4 Datasheet HTML 51Page - Texas Instruments TLC2201IPE4 Datasheet HTML 52Page - Texas Instruments TLC2201IPE4 Datasheet HTML 53Page - Texas Instruments TLC2201IPE4 Datasheet HTML 54Page - Texas Instruments TLC2201IPE4 Datasheet HTML 55Page - Texas Instruments TLC2201IPE4 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 37
50
°
48
°
46
°
44
°
42
°
40
°
01
23
4
5
6
7
8
|VDD
±| – Supply Voltage – V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
TLC2202
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 38
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD
± = ±5 V
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
50
°
48
°
46
°
44
°
42
°
40
°
TLC2201
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
Figure 39
50
°
48
°
46
°
44
°
42
°
40
°
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD
± = ±5 V
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TLC2202
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com