Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC201ACJ Datasheet(PDF) 5 Page - Linear Technology

Part # LTC201ACJ
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201ACJ Datasheet(HTML) 5 Page - Linear Technology

  LTC201ACJ Datasheet HTML 1Page - Linear Technology LTC201ACJ Datasheet HTML 2Page - Linear Technology LTC201ACJ Datasheet HTML 3Page - Linear Technology LTC201ACJ Datasheet HTML 4Page - Linear Technology LTC201ACJ Datasheet HTML 5Page - Linear Technology LTC201ACJ Datasheet HTML 6Page - Linear Technology LTC201ACJ Datasheet HTML 7Page - Linear Technology LTC201ACJ Datasheet HTML 8Page - Linear Technology LTC201ACJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC201A/LTC202/LTC203
5
201a23fb
RON vs VS Over Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
RON vs VS Over Temperature
RON vs VS Over Temperature
QINJ vs VS Over Supply Voltage
Positive Supply Current vs Logic
Input Voltage
Supply Current vs Logic Input
Voltage
0
90
270
300
3
30
210
150
60
240
0
180
120
1
2
4
5
LT201_202_203 • TPC06
VIN(V)
V + = 5V
V – = 0V
TA = 25°C
ALL LOGIC INPUTS
TIED TOGETHER
–15
–10
–5
0
0
510
15
LT201_202_203 • TPC04
VS(V)
–50
–40
–20
–10
50
20
–30
30
40
10
TA = 25°C
CL = 1000p-F
V + = 5V
V – = – 5V
V + = 5V
V – = 0V
V + = 15V
V – = – 15V
0
90
270
300
9
30
210
150
60
240
0
180
120
3
6
12
15
LT201_202_203 • TPC05
V + = 15V
V – = – 15V
TA = 25°C
ALL LOGIC INPUTS
TIED TOGETHER
VIN(V)
VS (V)
–20 – 16 –12 – 8 – 4
4
812
16 20
0
250
LT201_202_203 • TPC01
50
200
0
150
100
TA = 25°C
ID = 1mA
VSUPPLY = 5V, 0V
± 5V
± 10V
± 15V
± 20V
LT201_202_203 • TPC02
VS(V)
100
20
80
0
60
40
–15 – 12 –9 –6 –3
3
69
12 15
0
V + = 15V
V – = – 15V
ID = 1mA
125°C
25°C
–55°C
02
4
5
1
3
VS(V)
LT201_202_203 • TPC03
500
100
400
0
300
200
V + = 5V
V – = 0V
ID = 1mA
125°C
25°C
–55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com