Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202ACD Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2202ACD
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202ACD Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLC2202ACD Datasheet HTML 39Page - Texas Instruments TLC2202ACD Datasheet HTML 40Page - Texas Instruments TLC2202ACD Datasheet HTML 41Page - Texas Instruments TLC2202ACD Datasheet HTML 42Page - Texas Instruments TLC2202ACD Datasheet HTML 43Page - Texas Instruments TLC2202ACD Datasheet HTML 44Page - Texas Instruments TLC2202ACD Datasheet HTML 45Page - Texas Instruments TLC2202ACD Datasheet HTML 46Page - Texas Instruments TLC2202ACD Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
5, 6
IIB
Input bias current
vs Common-mode input voltage
7
IIB
Input bias current
g
vs Free-air temperature
8
VOM
Maximum peak output voltage
vs Output current
9
VOM
Maximum peak output voltage
vs Free-air temperature
10
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
11
vs Frequency
12
VOH
High-level output voltage
qy
vs High-level output current
13
OH
gg
g
vs Free-air temperature
14
VOL
Low level output voltage
vs Low-level output current
15
VOL
Low-level output voltage
vs Free-air temperature
16
AVD
Large signal differential voltage amplification
vs Frequency
17
AVD
Large-signal differential voltage amplification
qy
vs Free-air temperature
18
IOS
Short circuit output current
vs Supply voltage
19
IOS
Short-circuit output current
yg
vs Free-air temperature
20
CMRR
Common-mode rejection ratio
vs Frequency
21
IDD
Supply current
vs Supply voltage
22
IDD
Supply current
yg
vs Free-air temperature
23, 24
Pulse response
Small signal
25, 26
Pulse response
g
Large signal
,
27, 28
SR
Slew rate
vs Supply voltage
29
SR
Slew rate
yg
vs Free-air temperature
30
Noise voltage (referred to input)
0.1 to 1 Hz
31
Noise voltage (referred to input)
0.1 to 10 Hz
32
Gain bandwidth product
vs Supply voltage
33, 34
Gain-bandwidth product
yg
vs Free-air temperature
,
35
φ
Phase margin
vs Supply voltage
36, 37
φm
Phase margin
yg
vs Free-air temperature
,
38, 39
Phase shift
vs Frequency
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com