Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF080A Datasheet(PDF) 47 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 47 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 41Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 42Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 43Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 44Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 45Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 46Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 47Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 48Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 49Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
47
©2006 Silicon Storage Technology, Inc.
S71235-02-000
5/06
PRODUCT ORDERING INFORMATION
Valid combinations for SST49LF080A
SST49LF080A-33-4C-WHE SST49LF080A-33-4C-NHE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST49LF0x0A -
XXX
-XX
-X XX
Environmental Attribute
E1 = non-Pb
Package Modifier
H = 32 leads
Package Type
N = PLCC
W = TSOP (type 1, die up, 8mm x 14mm)
Operating Temperature
C = Commercial = 0°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Serial Access Clock Frequency
33 = 33 MHz
Version
Device Density
080 = 8 Mbit
Voltage Range
L = 3.0-3.6V
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com