Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC485CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC485CS8
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC485CS8 Datasheet HTML 4Page - Linear Technology LTC485CS8 Datasheet HTML 5Page - Linear Technology LTC485CS8 Datasheet HTML 6Page - Linear Technology LTC485CS8 Datasheet HTML 7Page - Linear Technology LTC485CS8 Datasheet HTML 8Page - Linear Technology LTC485CS8 Datasheet HTML 9Page - Linear Technology LTC485CS8 Datasheet HTML 10Page - Linear Technology LTC485CS8 Datasheet HTML 11Page - Linear Technology LTC485CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC485
sn485 LTC485ffs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1994
LT/LCG 1101 1.5K REV F • PRINTED IN THE USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/LTC487
Low Power Quad RS485 Drivers
110
µA Supply Current
LTC488/LTC489
Low Power Quad RS485 Receivers
7mA Supply Current
LTC490/LTC491
Low Power Full-Duplex RS485 Transceivers
300
µA Supply Current
LTC1480
3.3V Supply RS485 Transceiver
Lower Supply Voltage
LTC1481
Low Power RS485 Transceiver with Shutdown
Lowest Power
LTC1482
RS485 Transceiver with Carrier Detect
±15kV ESD, Fail-Safe
LTC1483
Low Power, Low EMI RS485 Transceiver
Slew Rate Limited Driver Outputs, Lowest Power
LTC1484
RS485 Transceiver with Fail-Safe
±15kV ESD, MSOP Package
LTC1485
10Mbps RS485 Transceiver
High Speed
LTC1518/LTC1519
52Mbps Quad RS485 Receivers
Higher Speed, LTC488/LTC489 Pin-Compatible
LTC1520
LVDS-Compatible Quad Receiver
100mV Threshold, Low Channel-to-Channel Skew
LTC1535
2500V Isolated RS485 Transceiver
Full-Duplex, Self-Powered Using External Transformer
LTC1685
52Mbps RS485 Transceiver
Industry-Standard Pinout, 500ps Propagation Delay Skew
LTC1686/LTC1687
52Mbps Full-Duplex RS485 Transceiver
LTC490/LTC491 Pin Compatible
LTC1688/LTC1689
100Mbps Quad RS485 Drivers
Highest Speed, LTC486/LTC487 Pin Compatible
LTC1690
Full-Duplex RS485 Transceiver with Fail-Safe
±15kV ESD, LTC490 Pin Compatible
LT1785/LTC1785A
±60V Protected RS485 Transceivers
±15kV ESD, Fail-Safe (LT1785A)
LT1791/LTC1791A
±60V Protected Full-Duplex RS485 Transceivers
±15kV ESD, Fail-Safe (LT1791A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com