Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC491 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 3 Page - Linear Technology

  LTC491 Datasheet HTML 1Page - Linear Technology LTC491 Datasheet HTML 2Page - Linear Technology LTC491 Datasheet HTML 3Page - Linear Technology LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC491
491fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
10
30
50
ns
tPHL
Driver Input to Output
q
10
30
50
ns
tSKEW
Driver Output to Output
q
5ns
tr, tf
Driver Rise or Fall Time
q
515
25
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 4, 6) S2 Closed
q
40
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 4, 6) S1 Closed
q
40
70
ns
tLZ
Driver Disable Time From Low
CL = 15pF (Figures 4, 6) S1 Closed
q
40
70
ns
tHZ
Driver Disable Time From High
CL = 15pF (Figures 4, 6) S2 Closed
q
40
70
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
40
70
150
ns
tPHL
Receiver Input to Output
q
40
70
150
ns
tSKD
 tPLH – tPHL Differential Receiver Skew
q
13
ns
tZL
Receiver Enable to Output Low
CL = 15pF (Figures 3, 8) S1 Closed
q
20
50
ns
tZH
Receiver Enable to Output High
CL = 15pF (Figures 3, 8) S2 Closed
q
20
50
ns
tLZ
Receiver Disable From Low
CL = 15pF (Figures 3, 8) S1 Closed
q
20
50
ns
tHZ
Receiver Disable From High
CL = 15pF (Figures 3, 8) S2 Closed
q
20
50
ns
S
GC
C
HARA TERISTICS
WITCHI
(Figures 2, 5)
(Figures 2, 7)
Note 3: All typicals are given for VCC = 5V and temperature = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
NC (Pin 1): Not Connected.
R (Pin 2): Receiver Output. If the receiver output is enabled
(REB low), then if A > B by 200mV, R will be high. If A < B
by 200mV, then R will be low.
REB (Pin 3): Receiver Output Enable. A low enables the
receiver output, R. A high input forces the receiver output
into a high impedance state.
DE (Pin 4): Driver Output Enable. A high on DE enables the
driver outputs, Y and Z. A low input forces the driver
outputs into a high impedance state.
D (Pin 5): Driver Input. If the driver outputs are enabled
(DE high), then a low on D forces the driver outputs Y low
and Z high. A high on D will force Y high and Z low.
GND (Pin 6): Ground Connection.
GND (Pin 7): Ground Connection.
NC (Pin 8): Not Connected.
Y (Pin 9): Driver Output.
Z (Pin 10): Driver Output.
B (Pin 11): Receiver Input.
A (Pin 12): Receiver Input.
NC (Pin 13): Not Connected.
VCC (Pin 14): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5%
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com