Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC490CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC490CS8
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC490CS8 Datasheet HTML 4Page - Linear Technology LTC490CS8 Datasheet HTML 5Page - Linear Technology LTC490CS8 Datasheet HTML 6Page - Linear Technology LTC490CS8 Datasheet HTML 7Page - Linear Technology LTC490CS8 Datasheet HTML 8Page - Linear Technology LTC490CS8 Datasheet HTML 9Page - Linear Technology LTC490CS8 Datasheet HTML 10Page - Linear Technology LTC490CS8 Datasheet HTML 11Page - Linear Technology LTC490CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC490
12
490fb
©LINEAR TECHNOLOGY CORPORATION 1993
LT/TP 0104 1K REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/LTC487
Low Power Quad RS485 Drivers
110
µA Supply Current
LTC488/LTC489
Low Power Quad RS485 Receivers
7mA Supply Current
LTC1480
3.3V Supply RS485 Transceiver
Lower Supply Voltage
LTC1481
Low Power RS485 Transceiver with Shutdown
Lowest Power
LTC1482
RS485 Transceiver with Carrier Detect
±15kV ESD, Fail-Safe
LTC1483
Low Power, Low EMI RS485 Transceiver
Slew Rate Limited Driver Outputs, Lowest Power
LTC1484
RS485 Transceiver with Fail-Safe
±15kV ESD, MSOP Package
LTC1485
10Mbps RS485 Transceiver
High Speed
LTC1518/LTC1519
52Mbps Quad RS485 Receivers
Higher Speed, LTC488/LTC489 Pin-Compatible
LTC1520
LVDS-Compatible Quad Receiver
100mV Threshold, Low Channel-to-Channel Skew
LTC1535
2500V Isolated RS485 Transceiver
Full-Duplex, Self-Powered Using External Transformer
LTC1685
52Mbps RS485 Transceiver
Industry-Standard Pinout, 500ps Propagation Delay Skew
LTC1686/LTC1687
52Mbps Full-Duplex RS485 Transceiver
LTC490/LTC491 Pin Compatible
LTC1688/LTC1689
100Mbps Quad RS485 Drivers
Highest Speed, LTC486/LTC487 Pin Compatible
LTC1690
Full-Duplex RS485 Transceiver with Fail-Safe
±15kV ESD, LTC490 Pin Compatible
LT1785/LTC1785A
±60V Protected RS485 Transceivers
±15kV ESD, Fail-Safe (LT1785A)
LT1791/LTC1791A
±60V Protected Full-Duplex RS485 Transceivers
±15kV ESD, Fail-Safe (LT1791A), LTC491 Pin Compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com