Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1016CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1016CS8
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1016CS8 Datasheet HTML 9Page - Linear Technology LT1016CS8 Datasheet HTML 10Page - Linear Technology LT1016CS8 Datasheet HTML 11Page - Linear Technology LT1016CS8 Datasheet HTML 12Page - Linear Technology LT1016CS8 Datasheet HTML 13Page - Linear Technology LT1016CS8 Datasheet HTML 14Page - Linear Technology LT1016CS8 Datasheet HTML 15Page - Linear Technology LT1016CS8 Datasheet HTML 16Page - Linear Technology LT1016CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1016
13
APPLICATIO S I FOR ATIO
1.8
ms, 12-Bit A/D Converter
The LT1016’s high speed is used to implement a very fast
12-bit A/D converter in Figure 15. The circuit is a modified
form of the standard successive approximation approach
and is faster than most commercial SAR 12-bit units. In
this arrangement the 2504 successive approximation reg-
ister (SAR), A1 and C1 test each bit, beginning with the
MSB, and produce a digital word representing VIN’s value.
To get faster conversion time, the clock is controlled by the
window comparator monitoring the DAC input summing
junction. Additionally, the DMOS FET clamps the DAC
output to ground at the beginning of each clock cycle,
shortening DAC settling time. After the fifth bit is con-
verted, the clock runs at maximum speed.
Figure 15. 12-Bit 1.8
ms SAR A-to-D
–
+
LT1021
10V
MSB
LSB
PARALLEL
DIGITAL
DATA
OUTPUT
5V
15V
5V
–5V
5V
–15V
–15V
VR
+
VR
–
GND
IO
IO
V+
V –
COMP
AM6012
AM2504
150k
150k
15k
1k
5V
Q4
Q5
NC
–5V
5V
–15V
5V
2.5k
620
Ω*
620
Ω*
150
Ω
0.01
µF
Q3
Q1 Q2
VIN
0V TO 10V
27k
STATUS
9
6
7
5
4
3
1000pF
0.01
µF
SD210
V+
CLK
GND
E
S
CC
D
Q6
1
3
14
11
12
13
14
15
16
17
18
19
20
24
13
10k**
10k
2.5k**
1k
1k
–
+
NC
NC
5V
5V
5V
1k
0.1
µF 10Ω
–5V
–5V
–5V
1k
0.1
µF 10Ω
1/2 74S74
1/2 74S74
1/6 74S04
1/4 74S00
1/4 74S00
1/4 74S08
1/4 74S08
1/6 74S04
PRS
PRS
Q
RST
D
CLK
CLOCK
CONVERT
COMMAND
7.4MHz
IN B
Q
74121
1016 F15
Q1 TO Q5 RCA CA3127 ARRAY
1N4148
HP5082-2810
*1% FILM RESISTOR
**PRECISION 0.01%; VISHAY S-102
–
+
C3
LT1016
C1
LT1016
C2
LT1016
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com