Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102MH Datasheet(PDF) 4 Page - Linear Technology

Part # LT1102MH
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102MH Datasheet(HTML) 4 Page - Linear Technology

  LT1102MH Datasheet HTML 1Page - Linear Technology LT1102MH Datasheet HTML 2Page - Linear Technology LT1102MH Datasheet HTML 3Page - Linear Technology LT1102MH Datasheet HTML 4Page - Linear Technology LT1102MH Datasheet HTML 5Page - Linear Technology LT1102MH Datasheet HTML 6Page - Linear Technology LT1102MH Datasheet HTML 7Page - Linear Technology LT1102MH Datasheet HTML 8Page - Linear Technology LT1102MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1102
4
1102fb
LT1102AM
LT1102M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k or 2k
0.10
0.25
0.10
0.30
%
G = 10, VO = ±10V, RL = 50k or 2k
0.05
0.12
0.06
0.15
%
TCGE
Gain Error Drift
G = 100, RL = 50k or 2k
9
20
10
25
ppm/
°C
(Note 6)
G = 10, RL = 50k or 2k
5
10
6
14
ppm/
°C
GNL
Gain Nonlinearity
G = 100, RL = 50k
20
70
24
90
ppm
G = 100, RL = 2k
28
85
32
110
ppm
G = 10, RL = 50k or 2k
9
20
9
24
ppm
VOS
Input Offset Voltage
300
1400
400
2000
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 6)
2
8
3
12
μV/°C
lOS
Input Offset Current
0.3
4
0.4
6
nA
IB
Input Bias Current
±2
±10
±2.5
±15
nA
CMRR
Common Mode
VCM = ±10.3V
82
97
80
96
dB
Rejection Ratio
PSRR
Power Supply
VS = ±10V to ±17V
88
100
84
99
dB
Rejection Ratio
IS
Supply Current
TA = 125°C
2.5
2.5
mA
VO
Maximal Output
RL = 50k
±12.5 ±13.2
±12.5 ±13.2
V
Voltage Swing
RL = 2k
±12.0 ±12.6
±12.0 ±12.6
V
ELECTRICAL CHARACTERISTICS V
S =
±15V, VCM = 0V, Gain = 10 or 100, –55°C ≤ TA ≤ 125°C for AM/M grades,
–40
°C ≤ TA ≤ 85°C for I grades, unless otherwise noted.
LT1102AC
LT1102C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k or 2k
0.04
0.11
0.05
0.14
%
G = 10, VO = ±10V, RL = 50k or 2k
0.03
0.09
0.04
0.12
%
TCGE
Gain Error Drift
G = 100, RL = 50k or 2k
8
18
9
22
ppm/
°C
(Note 6)
G = 10, RL = 50k or 2k
5
10
6
14
ppm/
°C
GNL
Gain Nonlinearity
G = 100, RL= 50k
8
30
9
40
ppm
G = 100, RL= 2k
11
36
12
48
ppm
G = 10, RL= 50k or 2k
8
18
8
22
ppm
VOS
Input Offset Voltage
230
1000
280
1400
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 6)
2
8
3
12
μV/°C
IOS
Input Offset Current
10
150
15
220
pA
ΔIOS/ΔT
Input Offset Current Drift
(Note 6)
0.5
3
0.5
4
pA/
°C
IB
Input Bias Current
±40
±300
±50 ±400
pA
ΔIB/ΔT
lnput Bias Current Drift
(Note 6)
1
4
1
6
pA/
°C
CMRR
Common Mode
VCM = ±10.3V
83
98
81
97
dB
Rejection Ratio
PSRR
Power Supply
VS = ±10V to ±17V
87
101
85
100
dB
Rejection Ratio
IS
Supply Current
TA = 70°C
2.8
2.9
mA
VO
Maximum Output
RL = 50k
±12.8
±13.4
±12.8 ±13.4
V
Voltage Swing
RL = 2k
±12.0
±12.8
±12.0 ±12.8
V
VS = ±15V, VCM = 0V, Gain = 10 or 100, 0°C ≤ TA ≤ 70°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com