Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1020CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LT1020CSW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1020CSW Datasheet HTML 5Page - Linear Technology LT1020CSW Datasheet HTML 6Page - Linear Technology LT1020CSW Datasheet HTML 7Page - Linear Technology LT1020CSW Datasheet HTML 8Page - Linear Technology LT1020CSW Datasheet HTML 9Page - Linear Technology LT1020CSW Datasheet HTML 10Page - Linear Technology LT1020CSW Datasheet HTML 11Page - Linear Technology LT1020CSW Datasheet HTML 12Page - Linear Technology LT1020CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1020
sn1020 1020fcs
Regulator with Output Voltage Monitor
Regulator with Improved Transient Response
Driving Logic with Dropout Detector
DROPOUT
LT1020
500k
TO
2M
3M
1020 TA04
VIN > 5.2V
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA08
0.001
µF
22k
+
1020 TA03
5
6
100k
20k
VOUT
0.001
µF
+
4
8
7
9
100k
10
µF
2
11
FB
5V
VOUT
LOGIC
LOGIC
OUTPUT
LOGIC OUTPUT GOES LOW WHEN
VOUT DROPS BY 100mV
VIN
VIN
3
1M
500k
–
+
REF
LT1020
GND
2.5V
LOGIC
OUTPUT
5V Regulator
VIN > 5.2V
IQ = 40µA
10
µF
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
+
LT1020
1020 TA07
+
Compensating the Comparator As an Op Amp
7
–
+
5
6
1M
C2
R2
R1
C1
AT AV = 100,
SLEW RATE = 0.05V/
µs
–6V/
µs
AV
1
10
100
R1
33
Ω
100
Ω
10k
C1
0.1
µF
0.047
µF
0.002
µF
C2
0.001
µF
–
–
R2
–
100k
10k
1020 TA05
8
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com