Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102ACN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1102ACN8
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102ACN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1102ACN8 Datasheet HTML 4Page - Linear Technology LT1102ACN8 Datasheet HTML 5Page - Linear Technology LT1102ACN8 Datasheet HTML 6Page - Linear Technology LT1102ACN8 Datasheet HTML 7Page - Linear Technology LT1102ACN8 Datasheet HTML 8Page - Linear Technology LT1102ACN8 Datasheet HTML 9Page - Linear Technology LT1102ACN8 Datasheet HTML 10Page - Linear Technology LT1102ACN8 Datasheet HTML 11Page - Linear Technology LT1102ACN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1102
10
1102fb
Basic Connections
Offset Nulling
Settling Time Test Circuit
TYPICAL APPLICATIO S
INPUT
6
5
8
7
4
1
2
NC
NC
V –
V+
REF
3
OUT
GAIN = 100
INPUT
6
5
8
7
4
1
2
V –
V+
REF
3
OUT
GAIN = 10
LT1102 • TA03
LT1102
–
+
LT1102
–
+
1
8
5
6
3
4
15V
–15V
R1
5.0k
5.1k
FET PROBE
HP5082-2810
20VP-P
FLAT-TOP INPUT
LT1102 • TA04
LT1102
–
+
200
Ω
R1 = 910
Ω, G = 10
R1 = 10k, G = 100
100
Ω
6
3
4
1
8
5
15V
– 15V
2k
R2
OUT
2k
10k
1.8k
LT1102 • TA05
LT1102
–
+
R2 = 3.3
Ω, G = 10
R2 = 30
Ω, G = 100
NULL RANGE =
±1mV
GAIN DEGRADATION
≈ 0.018%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com