Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1025CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1025CS8
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1025CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1025CS8 Datasheet HTML 3Page - Linear Technology LT1025CS8 Datasheet HTML 4Page - Linear Technology LT1025CS8 Datasheet HTML 5Page - Linear Technology LT1025CS8 Datasheet HTML 6Page - Linear Technology LT1025CS8 Datasheet HTML 7Page - Linear Technology LT1025CS8 Datasheet HTML 8Page - Linear Technology LT1025CS8 Datasheet HTML 9Page - Linear Technology LT1025CS8 Datasheet HTML 10Page - Linear Technology LT1025CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1025
1025fb
3. Calibrate output by adding in a true offset term which
does not affect gain (by summing, etc.). Calibration may
be done at any temperature either by immersing the
thermocouple in a calibrated bath or by substituting a
precision input voltage. The method which tends to
minimize worst-case error over the whole TL to TH range
is to calibrate at 1/6 or 5/6 of span. This may be modified
if best accuracy is desired at one particular point.
Breakpoint correction for nonlinearity is more compli-
cated than a simple offset, but a single breakpoint com-
bined with offset will reduce errors typically by 4:1 over a
simple offset technique.
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S
–
–
+
+
4
6
7
2
3
–15V
15V
–15V
–10mV/
°C
15V
3k
300k
GND
R–
K
TYPE K
C1
0.1
µF
C2
1
µF
VIN
VO
VOUT
LT1025
LTKA0x††
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
Eliminating Amplifier Feedback Resistors
(Output Goes Negative with Increasing Temperature)
Type K Thermometer with Grounded Thermocouple
–15V
10mV/
°C
VOUT
V
+
V
–
V
–
V
–
GND
R–
LT1025
–
+
V
+
R5
10k
R1
1k
1%
R6
9.1k
R4*
470k
R3
255k
1%
R2
100
Ω
TYPE K
0.1
µF
C2
1
µF
*R4
≤
30
µA
MUST BE DECREASED APPROPRIATELY. R4 IS NOT
REQUIRED (OPEN) FOR LT1025 TEMPERATURES
≥ 0°C
WHEN SOURCING CURRENT ONLY
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
VIN
VO
IF OUTPUT MUST SINK CURRENT, R4
LTKA0x
††



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com