Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST55LC100M Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST55LC100M
Description  CompactFlash Card Controller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LC100M Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST55LC100M Datasheet HTML 17Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 18Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 19Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 20Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 21Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 22Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 23Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 24Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Advance Information
CompactFlash Card Controller
SST55LC100M
©2006 Silicon Storage Technology, Inc.
S71316-00-000
3/06
21
8.3 Pin Replacement Register (Address 204H in Attribute Memory)
CRDY/BSY# This bit is set to one (1) when the bit RDY/BSY# changes state. This bit can also be
written by the host.
CWProt
This bit is set to one (1) when the RWprot changes state. This bit may also be written by
the host.
RDY/BSY#
This bit is used to determine the internal state of the RDY/BSY# signal. This bit may be
used to determine the state of the Ready/-Busy as this pin has been reallocated for use
as Interrupt Request on an I/O card. When written, this bit acts as a mask for writing the
corresponding bit CRDY/BSY#.
WProt:
This bit is always zero (0).
When written, this bit acts as a mask for writing the corresponding bit CWProt.
MRDY/BSY# This bit acts as a mask for writing the corresponding bit CRDY/BSY#.
MWProt:
This bit when written acts as a mask for writing the corresponding bit CWProt.
8.4 Socket and Copy Register (Address 206H in Attribute Memory)
This register contains additional configuration information. This register is always written by the system before writ-
ing the card’s Configuration Index register.
Reserved
This bit is reserved for future standardization. This bit must be set to zero (0) by the
software when the register is written.
Drive #
This bit indicates the drive number of the card for twin card configuration.
Twin card configuration is currently not supported
X
The socket number is ignored by the CompactFlash card.
Operation
D7
D6
D5
D4
D3
D2
D1
D0
Read
0
0
CRDY/BSY#
CWProt
1
1
RDY/BSY#
WProt
Write
0
0
CRDY/BSY#
CWProt
0
0
MRDY/BSY#
MWProt
TABLE
8-6: Pin Replacement Changed Bit/Mask Bit Values
Initial Value of (C) Status
Written by Host
Final “C” Bit
Comments
“C” Bit
“M” Bit
0
X
0
0
Unchanged
1
X
0
1
Unchanged
X
0
1
0
Cleared by host
X
1
1
1
Set by host
T8-6.0 1316
Socket and Copy Register Organization:
Operation
D7D6D5D4D3D2D1D0
Read
Reserved
00
Drive #
0000
Write
0
0
0
Drive #
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com