Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSI12065E-R68M Datasheet(PDF) 8 Page - AiT Semiconductor Inc.

Part # WSI12065E-R68M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R68M Datasheet(HTML) 8 Page - AiT Semiconductor Inc.

Back Button WSI12065E-R68M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI12065E-R68M Datasheet HTML 12Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 8 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI10040E-R19M
0.19
0.88
0.95
90.00
40.00
WSI10040E-R36M
0.36
1.30
1.40
60.00
31.50
WSI10040E-R56M
0.56
1.70
1.80
49.00
27.50
WSI10040E-1R0M
1.00
3.70
4.10
36.00
17.50
WSI10040E-1R5M
1.50
5.30
5.80
27.50
15.00
WSI10040E-2R2M
2.20
8.20
9.00
25.50
12.00
WSI10040E-3R3M
3.30
10.80
11.80
18.60
10.00
WSI10040E-4R7M
4.70
15.00
16.50
17.00
9.50
WSI10040E-5R6M
5.60
17.60
19.30
16.00
8.50
WSI10040E-6R8M
6.80
21.20
23.30
13.50
8.00
WSI10040E-8R2M
8.20
31.00
34.00
12.50
7.00
WSI10040E-100M
10.00
33.20
36.50
12.00
6.80
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI10040L-R19M
0.19
0.70
0.80
46.00
40.00
WSI10040L-R24M
0.24
0.85
0.95
44.00
33.00
WSI10040L-R36M
0.36
1.05
1.15
30.00
32.00
WSI10040L-R47M
0.47
1.53
1.68
30.00
30.00
WSI10040L-R56M
0.56
1.60
1.80
22.00
32.00
WSI10040L-R78M
0.78
1.80
1.90
22.00
27.00
WSI10040L-1R0M
1.00
2.30
2.50
20.00
25.00
WSI10040L-1R8M
1.80
4.50
5.00
16.00
17.00
WSI10040L-2R0M
2.00
5.20
5.80
14.00
16.00
WSI10040L-3R3M
3.30
8.20
9.00
14.00
12.00
WSI10040L-4R7M
4.70
12.90
14.20
7.60
9.50
WSI10040L-6R8M
6.80
17.50
19.30
7.50
9.00
WSI10040L-100M
10.00
27.80
30.50
7.10
7.50
WSI10040L-150M
15.00
40.90
45.00
6.00
6.25
WSI10040L-220M
22.00
60.40
66.00
4.50
5.00
WSI10040L-330M
33.00
87.50
94.50
4.00
4.40
WSI10040L-470M
47.00
132.00
145.00
3.00
4.00
WSI10040L-560M
56.00
150.00
170.00
2.80
3.80
WSI10040L-680M
68.00
175.00
200.00
2.60
3.50
WSI10040L-820M
82.00
210.00
240.00
2.40
3.20
WSI10040L-101M
100.00
249.00
270.00
2.25
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com