Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST85LD0512 Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

Part # SST85LD0512
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0512 Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST85LD0512 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 53Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
49
12.2.1.28.4 Set-Max-Unlock
F9H with the content of the Features register equal to 03H.
This command requests a transfer of a single sector of data from the host. Table 12-13 defines the
content of this sector of information.
The password supplied in the sector of data transferred will be compared with the stored Set-Max
password.
If the password compare fails, then the device returns command aborted and decrements the unlock
counter. On the acceptance of the Set-Max-Lock command, this counter is set to a value of five and is
decremented for each password mismatch when Set-Max-Unlock is issued and the device is locked.
When this counter reaches zero, then the Set-Max-Unlock command returns “command aborted” until a
power cycle.
If the password compare matches, then the device transitions to the Set_Max_Unlocked state and all
Set-Max commands will be accepted.
If this command is immediately preceded by a Read-Native-Max-Address command, it will be
interpreted as a Set-Max-Address command.
12.2.1.28.5 Set-Max-Freeze-Lock
F9H with the content of the Features register equal to 04H.
The Set-Max-Freeze-Lock command sets the device to Set_Max_Frozen state. After command
completion any subsequent Set-Max commands are rejected.
Commands disabled by Set-Max-Freeze-Lock are:
- Set-Max-Address
- Set-Max-Set-Password
- Set-Max-Lock
- Set-Max-Unlock
If this command is immediately preceded by a Read-Native-Max-Address command, it will be
interpreted as a Set-Max-Address command.
Bit ->
76543210
Command (7)
F9H
C/D/H (6)
XDrive
N/A
Cyl High (5)
N/A
Cyl Low (4)
N/A
Sec Num (3)
N/A
Sec Cnt (2)
N/A
Feature (1)
03H
Bit ->
76543210
Command (7)
F9H
C/D/H (6)
XDrive
N/A
Cyl High (5)
N/A
Cyl Low (4)
N/A
Sec Num (3)
N/A
Sec Cnt (2)
N/A
Feature (1)
04H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com