Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1033CT Datasheet(PDF) 1 Page - Linear Technology

Part # LT1033CT
Description  3A Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033CT Datasheet(HTML) 1 Page - Linear Technology

  LT1033CT Datasheet HTML 1Page - Linear Technology LT1033CT Datasheet HTML 2Page - Linear Technology LT1033CT Datasheet HTML 3Page - Linear Technology LT1033CT Datasheet HTML 4Page - Linear Technology LT1033CT Datasheet HTML 5Page - Linear Technology LT1033CT Datasheet HTML 6Page - Linear Technology LT1033CT Datasheet HTML 7Page - Linear Technology LT1033CT Datasheet HTML 8Page - Linear Technology LT1033CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1033
1033fc
s
Guaranteed 1% Initial Voltage Tolerance
s
Guaranteed 0.015%/V Line Regulation
s
Guaranteed 0.02%/ W Thermal Regulation
The LT
®1033 negative adjustable regulator will deliver up
to 3A output current over an output voltage range of –1.2V
to –32V. Linear Technology has made significant
improvements in these regulators compared to previous
devices, such as better line and load regulation, and a
maximum output voltage error of 1%.
The LT1033 is easy to use and difficult to damage. Internal
current and power limiting as well as true thermal limiting
prevents device damage due to overloads or shorts, even
if the regulator is not fastened to a heat sink.
Maximum reliability is attained with Linear Technology’s
advanced processing techniques combined with a 100%
burn-in in the thermal limit mode. This assures that all
device protection circuits are working and eliminates field
failures experienced with other regulators that receive
only standard electrical testing.
s
Adjustable Power Supplies
s
System Power Supplies
s
Precision Voltage/Current Regulators
s
On-Card Regulators
Negative 5V Regulator
3A Negative Adjustable
Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
Current Limit
s
100% Thermal Limit Burn-in
INPUT-OUTPUT DIFFERENTIAL (V)
LT1033 • G01
0
1
2
6
3
5
4
0
5
10
15
20
35
25
30
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
PRECO DITIO I G
2
µF
TANT
–5V, 3A
–VIN
R2
301
Ω
R1
100
Ω
2
µF
TANT
LT1033 • TA01
+
+
ADJ
LT1033
IN
OUT
NOT RECOMMENDED FOR NEW DESIGNS
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1033CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033C LINER-LT1033C Datasheet
496Kb / 8P
3A. Negative Adjustable Regulator
LT1033CK LINER-LT1033CK Datasheet
496Kb / 8P
3A. Negative Adjustable Regulator
More results

Similar Description - LT1033CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033 LINER-LT1033 Datasheet
496Kb / 8P
3A. Negative Adjustable Regulator
LT137A LINER-LT137A Datasheet
795Kb / 8P
Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
Negative Adjustable Regulator
LT137A LINER-LT137A_1 Datasheet
167Kb / 12P
Negative Adjustable Regulator
LT1033 LINER-LT1033_15 Datasheet
203Kb / 12P
3A Negative Adjustable Regulator
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com