Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1107CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1107CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1107CS8 Datasheet HTML 8Page - Linear Technology LT1107CS8 Datasheet HTML 9Page - Linear Technology LT1107CS8 Datasheet HTML 10Page - Linear Technology LT1107CS8 Datasheet HTML 11Page - Linear Technology LT1107CS8 Datasheet HTML 12Page - Linear Technology LT1107CS8 Datasheet HTML 13Page - Linear Technology LT1107CS8 Datasheet HTML 14Page - Linear Technology LT1107CS8 Datasheet HTML 15Page - Linear Technology LT1107CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1107
1107fa
Figure 7 details current limit circuitry. Sense transistor A1,
whose base and emitter are paralleled with power switch
Q2, is ratioed such that approximately 0.5% of Q2’s
collector current flows in Q1’s collector. This current is
passed through internal 80
Ω resistor R1 and out through
the ILIM pin. The value of the external resistor connected
between ILIM and VIN sets the current limit. When suffi-
cient switch current flows to develop a VBE across R1 +
RLIM, Q3 turns on and injects current into the oscillator,
turning off the switch. Delay through this circuitry is
approximately 800ns. The current trip point becomes less
accurate for switch ON times less than 3
µs. Resistor
values programming switch ON time for 800ns or less will
cause spurious response in the switch circuitry although
the device will still maintain output regulation.
Using the Gain Block
The gain block (GB) on the LT1107 can be used as an error
amplifier, low-battery detector or linear post regulator.
The gain block itself is a very simple PNP input op amp with
an open collector NPN output. The negative input of the
gain block is tied internally to the 1.25V reference. The
positive input comes out on the SET pin.
Arrangement of the gain block as a low-battery detector is
straightforward. Figure 8 shows hookup. R1 and R2 need
only be low enough in value so that the bias current of the
SET input does not cause large errors. 33k for R2 is
adequate. R3 can be added to introduce a small amount of
hysteresis. This will cause the gain block to “snap” when
the trip point is reached. Values in the 1M to 10M range are
optimal. The addition of R3 will change the trip point,
however.
Output ripple of the LT1107, normally 50mV at 5VOUT can
be reduced significantly by placing the gain block in front
of the FB input as shown in Figure 9. This effectively
reduces the comparator hysteresis by the gain of the gain
block. Output ripple can be reduced to just a few millivolts
using this technique. Ripple reduction works with step-
down or inverting modes as well. For this technique to be
effective, output capacitor C1 must be large, so that each
switching cycle increases VOUT by only a few millivolts.
1000
µF is a good starting value. C1 should be a low ESR
type as well.
S
APPLICATI
I FOR ATIO
1107 F07
SW2
SW1
DRIVER
OSCILLATOR
VIN
ILIM
R1
80
Ω
(INTERNAL)
RLIM
(EXTERNAL)
Q3
Q2
Q1
Figure 7. LT1107 Current Limit Circuitry
L1
1107 F09
D1
R3
270k
VOUT
R2
R1
C1
VBAT
LT1107
GND
SW2
SET
SW1
ILIM
VIN
FB
AO
VOUT =
+ 1 1.25V
R2
R1
()( )
+
Figure 9. Output Ripple Reduction Using Gain Block
Figure 8. Setting Low-Battery Detector Trip Point
1107 F08
VBAT
R1
R2
1.25V
REF
SET
GND
VIN
LT1107
47k
5V
TO
PROCESSOR
AO
R3
R1 =
VLB = BATTERY TRIP POINT
R2 = 33k
R3 = 1.6M
()
VLB – 1.25V
35.1
µA
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com