Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1118CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1118CS8
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118CS8 Datasheet(HTML) 6 Page - Linear Technology

  LT1118CS8 Datasheet HTML 1Page - Linear Technology LT1118CS8 Datasheet HTML 2Page - Linear Technology LT1118CS8 Datasheet HTML 3Page - Linear Technology LT1118CS8 Datasheet HTML 4Page - Linear Technology LT1118CS8 Datasheet HTML 5Page - Linear Technology LT1118CS8 Datasheet HTML 6Page - Linear Technology LT1118CS8 Datasheet HTML 7Page - Linear Technology LT1118CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
1118fc
thermally connected to the die substrate. Table 1 shows
measured thermal resistance from junction to ambient for
the LT1118 connected to various sized PC board ground
planes. The power dissipated in the LT1118 varies with
input voltage and loading. When the regulator is sourcing
current the power which must be dissipated by the pack-
age is:
PD = (VIN – VOUT) • ILOAD.
When the regulator is sinking load current, power dissipa-
tion is nearly independent of VIN and can be calculated as:
PD = VOUT • ILOAD.
Heat sinking to the IC package must consider the worst
case power dissipation which may occur.
Table 1. Measured Thermal Resistance from Junction to
Ambient for the LT1118
S8 Package
SOT-223
Free Air
120
°C/W
95
°C/W
1 Sq Inch Copper
55
°C/W
53
°C/W
4 Sq Inch Copper
35
°C/W
38
°C/W
LT1118-2.85
GND
IN
27 LINES
2.2
µF
5V
1
µF
110
Ω
110
Ω
1118 TA03
110
Ω
110
Ω
110
Ω
TERMPWR
OUT
•
•
•
•
•
•
•
•
+
LT1118-2.5
GND
IN
1
µF
1118 TA04
5V
ANALOG
COMMON
2.5V
VIN
5V
OUT
1
µF
SCSI Active Terminator
Power Supply Splitter
OPERATIO
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com