Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1121CS8
Description  Micropower Low Dropout Regulators with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1121CS8 Datasheet HTML 1Page - Linear Technology LT1121CS8 Datasheet HTML 2Page - Linear Technology LT1121CS8 Datasheet HTML 3Page - Linear Technology LT1121CS8 Datasheet HTML 4Page - Linear Technology LT1121CS8 Datasheet HTML 5Page - Linear Technology LT1121CS8 Datasheet HTML 6Page - Linear Technology LT1121CS8 Datasheet HTML 7Page - Linear Technology LT1121CS8 Datasheet HTML 8Page - Linear Technology LT1121CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1121/LT1121-3.3/LT1121-5
1121fe
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the shutdown pin must be limited to less
than 20mA.
Note 3: For junction temperatures greater than 110
°C, a minimum load of
1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage
may increase by 1%.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current the input voltage
range must be limited.
Note 5: The LT1121 (adjustable version) is tested and specified with the
adjust pin connected to the output pin.
ELECTRICAL CHARACTERISTICS
Note 6: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to: (VIN – VDROPOUT).
Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means that the device is tested while operating in
its dropout region. This is the worst case ground pin current. The ground
pin current will decrease slightly at higher input voltages.
Note 8: Adjust pin bias current flows into the adjust pin.
Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown pin.
Note 10: Quiescent current in shutdown is equal to the sum total of the
shutdown pin current (6
μA) and the ground pin current (9μA).
Note 11: Reverse output current is tested with the input pin grounded and
the output pin forced to the rated output voltage. This current flows into
the output pin and out of the ground pin.
LT1121-3.3
Quiescent Current
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
LT1121
Quiescent Current
LT1121-5
Quiescent Current
OUTPUT CURRENT (mA)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
40
80
120
1121 G27
20
60
140 160
0
100
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (
°C)
–50
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1121 G14
–25
25
100
125
ILOAD = 150mA
ILOAD = 50mA
ILOAD = 1mA
ILLOAD = 100mA
TEMPERATURE (
°C)
–50
50
40
30
20
10
0
0
50
75
1121 G11
–25
25
100
125
VIN = 6V
RLOAD = ∞
VSHDN =0V
VSHDN = OPEN
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
8
1121 G03
2
4
6
10
135
79
VSHDN = 0V
TJ = 25°C
RLOAD = ∞
VOUT = VADJ
VSHDN = OPEN
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
8
1121 G02
2
4
6
10
135
79
TJ = 25°C
RLOAD = ∞
VSHDN = 0V
VSHDN = OPEN
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
8
1121 G04
2
4
6
10
135
79
VSHDN = 0V
TJ = 25°C
RLOAD = ∞
VSHDN = OPEN
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com