Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1074 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1074
Description  Dual tandem electronic potentiometer circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1074 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1074 Datasheet HTML 7Page - NXP Semiconductors TDA1074 Datasheet HTML 8Page - NXP Semiconductors TDA1074 Datasheet HTML 9Page - NXP Semiconductors TDA1074 Datasheet HTML 10Page - NXP Semiconductors TDA1074 Datasheet HTML 11Page - NXP Semiconductors TDA1074 Datasheet HTML 12Page - NXP Semiconductors TDA1074 Datasheet HTML 13Page - NXP Semiconductors TDA1074 Datasheet HTML 14Page - NXP Semiconductors TDA1074 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
December 1982
13
Philips Semiconductors
Product specification
Dual tandem electronic
potentiometer circuit
TDA1074A
For RS1 = RS2 = 3,3 kΩ; f−3 dB ≅ 1 MHz at linear setting.
For RS1 = RS2 = 0 Ω; f−3 dB ≅ 100 kHz at linear setting.
Fig.14 Circuit diagram for limiting gain of treble control circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com