Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2016 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products MAX2016 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2016 EV kit, VCC = 3.3V, R1 = R2 = R3 = 0
Ω, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.)
DIFFERENTIAL OUTPUT VOLTAGE
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
30
10
-10
-30
0.5
1.0
1.5
2.0
2.5
0
-50
50
fIN = 100MHz
PRFINB = -32dBm PRFINA IS SWEPT
TA = -20
°C,
+25
°C, +85°C
DIFFERENTIAL OUTPUT-VOLTAGE ERROR
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
30
10
-10
-30
-2
-1
0
1
2
3
-3
-50
50
fIN = 100MHz
PRFINB = -32dBm
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
DIFFERENTIAL OUTPUT VOLTAGE
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
30
10
-10
-30
0.5
1.0
1.5
2.0
2.5
0
-50
50
fIN = 900MHz
PRFINB = -30dBm PRFINA IS SWEPT
TA = -20
°C,
+25
°C, +85°C
DIFFERENTIAL OUTPUT-VOLTAGE ERROR
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
30
10
-10
-30
-2
-1
0
1
2
3
-3
-50
50
fIN = 900MHz
PRFINB = -30dBm
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
DIFFERENTIAL OUTPUT VOLTAGE
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
20
0
-20
0.5
1.0
1.5
2.0
2.5
0
-40
40
fIN = 1900MHz
PRFINB = -27dBm
PRFINA IS SWEPT
TA = -20
°C
TA = +25
°C
TA = +85
°C
DIFFERENTIAL OUTPUT-VOLTAGE ERROR
vs. A/B DIFFERENCE
MAGNITUDE RATIO (dB)
20
0
-20
-2
-1
0
1
2
3
-3
-40
40
fIN = 1900MHz
PRFINB = -27dBm
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com