Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2027 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2027
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2027 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2027_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2027_1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quick Start
The MAX2027 EV kit is fully assembled and factory test-
ed. Follow the instructions in the Connections and
Setup section for proper device evaluation. Table 2 lists
the attenuation setting vs. gain-control bits.
Test Equipment Required
• DC supply capable of delivering 5.25V and 100mA of
continuous current
• HP 8648 (or equivalent) signal source
• HP 8561E (or equivalent) spectrum analyzer capable
of covering the MAX2027’s frequency range as well
as a few harmonics
• Two digital multimeters (DMMs) to monitor VCC and
ICC, if desired
• HP8753D (or equivalent) network analyzer to measure
return loss and gain
• Lowpass filters to attenuate harmonic output of signal
sources, if harmonic measurements are desired
Connections and Setup
This section provides a step-by-step guide to testing
the basic functionality of the EV kit. As a general pre-
caution to prevent damaging the outputs by driving
high-VSWR loads,
do not turn on DC power or RF
signal generators until all connections are made.
Gain Setting
Connect the header pins for B4–B0 to GND for maxi-
mum gain (15dB, typ). See Table 2 for other gain set-
ting configurations. To set a logic high on B4–B0, leave
the respective header pin unconnected as on-board
resistors pull up the logic to +5V. To control B4–B0
using external logic (voltage limits per data sheet),
ensure that +5V is applied to the chip. Failure to do so
can cause the on-chip ESD diodes to draw significant
current and may damage the part.
Testing the Supply Current
1) Connect 50Ω terminations to RF_IN and RF_OUT.
2) With the DC supply disabled, set it to +5.0V (through
a low internal resistance ammeter, if desired) and
connect to the +5V and GND terminals on the EV kit.
If available, set the current limit to 100mA.
3) Enable the DC supply; the supply current should
read approximately 60mA.
MAX2027 Evaluation Kit
2
_______________________________________________________________________________________
Table 1. Suggested Components for
Matching
FREQUENCY
(MHz)
COMPONENT
VALUE
SIZE
L3, L4
11nH
0603
300
C8, C9
6.8pF
0603
L3, L4
8.7nH
0603
400
C8, C9
5pF
0603
Table 2. Attenuation Setting vs. Gain-
Control Bits
ATTENUATION
(dB)
B4
(16dB)
B3*
(8dB)
B2
(4dB)
B1
(2dB)
B0
(1dB)
00
0
0
00
10
0
0
01
20
0
0
10
30
0
0
11
40
0
1
00
50
0
1
01
60
0
1
10
70
0
1
11
80
1
0
00
90
1
0
01
10
0
1
01
0
11
0
1
01
1
12
0
1
10
0
13
0
1
10
1
14
0
1
11
0
15
0
1
11
1
16
1
X
0
0
0
17
1
X
0
0
1
18
1
X
0
1
0
19
1
X
0
1
1
20
1
X
1
0
0
21
1
X
1
0
1
22
1
X
1
1
0
23
1
X
1
1
1
*Enabling B4 disables B3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com