Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1164ACSW Datasheet HTML 1Page - Linear Technology LTC1164ACSW Datasheet HTML 2Page - Linear Technology LTC1164ACSW Datasheet HTML 3Page - Linear Technology LTC1164ACSW Datasheet HTML 4Page - Linear Technology LTC1164ACSW Datasheet HTML 5Page - Linear Technology LTC1164ACSW Datasheet HTML 6Page - Linear Technology LTC1164ACSW Datasheet HTML 7Page - Linear Technology LTC1164ACSW Datasheet HTML 8Page - Linear Technology LTC1164ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1164
3
1164fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range
0.1 to 20k
Hz
Input Frequency Range (Note 2)
50:1
< fCLK
Hz
100:1
< fCLK/2
Hz
Clock-to-Center Frequency Ratio, fCLK/fO
Sides A, B, C: Mode 1, R1 = R3 = 50k,
R2 = 5k,
Side D: Mode 3, R1 = R3 = 50k,
R2 = R4 = 5k
fO = 5kHz, Q = 10
LTC1164A
50:1, fCLK = 250kHz
●
50 ±0.5
%
LTC1164
50:1, fCLK = 250kHz
●
50 ±0.9
%
LTC1164A
100:1, fCLK = 500kHz
●
100 ±0.5
%
LTC1164
100:1, fCLK = 500kHz
●
100 ±0.9
%
Clock-to-Center Frequency Ratio,
Sides A, B, C, Mode 1, fO = 5kHz, Q = 10
Side to Side Matching
Side D Mode 3, fO = 5kHz, Q = 10
LTC1164A
50:1, fCLK = 250kHz
●
0.5
%
LTC1164
50:1, fCLK = 250kHz
●
1.0
%
Q Accuracy
Sides A, B, C, Mode 1, fO = 5kHz, Q = 10
50:1, fCLK = 250kHz
●
±2
±5%
100:1, fCLK = 500kHz
●
±2
±5%
Side D Mode 3, fO = 5kHz, Q = 10
50:1, fCLK = 250kHz
●
±3
±6%
100:1, fCLK = 500kHz
●
±6
±12
%
fO Temperature Coefficient
fCLK ≤ 500kHz
±1
ppm/°C
Q Temperature Coefficient
fCLK ≤ 250kHz
±5
ppm/°C
Maximum Clock Frequency
Mode 1, Q < 2.5
VS ≥ ±7.0V, 50:1 or 100:1
1.5
MHz
Mode 3, Q < 5
VS ≥ ±5V, 50:1 or 100:1
1.0
MHz
Mode 3, Q < 5
VS = ±2.5V, 50:1 or 100:1
500
kHz
fCLK Feedthrough
fCLK ≤ 500kHz, VS = ±5V
200
µVRMS
DC Offset Voltages
VOS1
●
220
mV
(See Figure 1 and Table 1)
VOS2
●
345
mV
VOS3
●
345
mV
Power Supply Current
VS = ±2.5V
4
mA
VS = ±5V, Temp ≥ 25°C
3.6
5
mA
VS = ±5V
●
5.6
8
mA
VS = ±7.5V, Temp ≥ 25°C6
8
mA
VS = ±7.5V
●
911
mA
The ● denotes specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25°C. (Complete Filter) VS = ±5V, TTL Clock Input Level, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note: 2: Guaranteed by design. Not tested.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com