Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74005 Datasheet(PDF) 2 Page - Alpha Wire

Part # 74005
Description  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74005 Datasheet(HTML) 2 Page - Alpha Wire

  74005 Datasheet HTML 1Page - Alpha Wire 74005 Datasheet HTML 2Page - Alpha Wire 74005 Datasheet HTML 3Page - Alpha Wire 74005 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2)
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011and the amending Directive 2015/863/EU of 4
June 2015 . No exemptions are required for RoHS Compliance on this item. Refer to the RoHS
Certificate of Compliance for more detail.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
Properties
Physical & Mechanical Properties
1) Temperature Range
-40 to 80°C
2) Bend Radius
4X Cable Diameter (static), 5X Cable Diameter (dynamic)
3) Pull Tension
28 lbs. max.
4) Torsional Flex
2 million cycles
Electrical Properties
Engineering purposes only
1) Max. operating voltage UL
300 VRMS
2) Test voltage wire-wire/wire-screen
2.5kVdc
3) Maximum conductor DC-resistance @ 20°C
57.1 ω/km
4) Transfer impedance @ 10MHz
< 10 mOhm/m
5) Nom. velocity of propagation
68%
6) Delay
< 5.3 ns/m
7) Impedance @ 1 – 100 MHz
100 ± 15 ω
8) ISO/IEC 11801 ed. 2.0, Cat.5 as a minimum.
Frequency(MHz)
Max.
Attenuation(dB/100m)
Min.
NEXT(dB)
Min. PS-
NEXT(dB)
Min.
ELFEXT(dB/100m)
1
2.1
65
62
64
4
4
56
53
52
10
6.3
50
47
44
16
8
47
44
40
31.25
11.4
43
40
34
62.5
16.5
38
35
28
100
21.3
35
32
24
Other



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com