Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV521 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments LPV521 Datasheet HTML 27Page - Texas Instruments LPV521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
7.2.3.2 Detailed Design Procedure
The theoretical output voltage of the circuit is VOUT = [ (RSENSE × R3) / R1 ] × ICHARGE. In reality, however, as a
result of the finite current gain of the transistor (β), the current that travels through R3 is not ICHARGE. Instead, R3
is α × ICHARGE or β / ( β+1) × ICHARGE. A Darlington pair can be used to increase the β and performance of the
measuring circuit.
Using the components shown in Figure 7-7 results in VOUT ≈ 4000Ω × ICHARGE. This result is needed to amplify a
1mA ICHARGE to near full-scale of an analog-to-digital converter (ADC) with VREF at 4.1V. A resistor, R2 is used at
the noninverting input of the amplifier, with the same value as R1 to minimize offset voltage.
Selecting values per Figure 7-7 limits the current traveling through the R1 – Q1 – R3 leg of the circuit to under
1µA, which is on the same order as the LPV521 supply current. Increasing resistors R1, R2, and R3 decreases
the measuring circuit supply current and extends battery life.
Decreasing RSENSE minimizes error due to resistor tolerance; however, this decrease also decreases VSENSE =
ICHARGE × RSENSE, and in turn, the amplifier offset voltage has a more significant contribution to the total error of
the circuit. With the components shown in Figure 7-7, the measurement circuit supply current can be kept below
1.5µA and measure 100µA to 1mA.
7.2.3.3 Application Curve
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.25
0.5
0.75
1
1.25
1.5
ICHARGE (mA)
C001
Figure 7-8. Calculated High-Side Current Sense Circuit Output
7.3 Power Supply Recommendations
The LPV521 is specified for operation from 1.6V to 5.5V (±0.8V to ±2.75V) over a –40°C to +125°C temperature
range. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Section 5.6.
CAUTION
Supply voltages greater than 6 V can permanently damage the device.
Low bandwidth nanopower devices do not have good high frequency (> 1kHz) ac PSRR rejection against
high-frequency switching supplies and other kHz and greater noise sources; therefore, extra supply filtering is
recommended if kHz-range noise is expected on the power-supply lines.
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com