Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1194CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1194CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1194CS8 Datasheet HTML 1Page - Linear Technology LT1194CS8 Datasheet HTML 2Page - Linear Technology LT1194CS8 Datasheet HTML 3Page - Linear Technology LT1194CS8 Datasheet HTML 4Page - Linear Technology LT1194CS8 Datasheet HTML 5Page - Linear Technology LT1194CS8 Datasheet HTML 6Page - Linear Technology LT1194CS8 Datasheet HTML 7Page - Linear Technology LT1194CS8 Datasheet HTML 8Page - Linear Technology LT1194CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1194
The q denotes specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C. VS = ±5V, VREF = 0V, Null Pins 1 and 8 open circuit, unless otherwise noted.
LT1194C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
All Packages
q
17
mV
∆VOS/∆T
Input VOS Drift
q
6
µV/°C
IOS
Input Offset Current
q
0.2
3.5
µA
IB
Input Bias Current
q
±0.5
±4
µA
Input Voltage Range
q
– 2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
60
80
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
60
80
dB
VLIM
Output Voltage Limit
VI = ±0.5V, VC = 2V (Note 4)
q
±20
±130
mV
VOUT
Output Voltage Swing
VS = ±8V,
RL = 1k
q
6.2
6.9
V
V
REF = 4V
RL = 100Ω
q
6.1
6.7
V
VS = ±8V,
RL = 1k
q
– 6.4
– 7.2
V
V
REF = – 4V
RL = 100Ω
q
– 6.2
– 6.6
V
GE
Gain Error
VO = ±3V, RL = 1k
q
14
%
IS
Supply Current
q
35
43
mA
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: A heat sink is required to keep the junction temperature below
absolute maximum when the output is shorted.
Note 3: There are two limitations on signal swing. Output swing is limited
by clipping or saturation in the output stage. Input swing is controlled by
an adjustable input limiting function. On VS = ±5V, the overload
characteristic is output limiting, but on
±8V the overload characteristic is
input limiting. VOMAX is measured with the null pins open circuit.
Note 4: Output amplitude is reduced by the input limiting function. The
input limiting function occurs when the null pins, 1 and 8, are tied together
and raised to a potential 0.3V or more above the negative supply.
Note 5: Slew rate is measured between
±1V on the output, with a ±0.3V
input step.
Note 6: Full-power bandwidth is calculated from the slew rate
measurement:
FPBW = SR/2
πVP.
Note 7: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19,
1985.
Note 8: NTSC (3.58MHz).
Note 9: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of the
SO packaged part (S suffix).
ELECTRICAL CHARACTERISTICS
LT1194 • TA03
+
–
5V
7
6
LT1194
3
2
–5V
4
1
8
INPUT OFFSET VOLTAGE CAN BE ADJUSTED OVER A
250mV
RANGE WITH A 1k
Ω TO 10kΩ POTENTIOMETER
±
+
–
5V
7
6
LT1194
3
2
–5V
4
1
8
VC
(NOTE 4)
Optional Offset Nulling Circuit
Input Limiting Connection
Input Limiting with Offset Nulling
+
–
5V
7
6
LT1194
3
2
8
–5V
4
1
VC
(NOTE 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com