Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1195CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1195CS8
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1195CS8 Datasheet HTML 1Page - Linear Technology LT1195CS8 Datasheet HTML 2Page - Linear Technology LT1195CS8 Datasheet HTML 3Page - Linear Technology LT1195CS8 Datasheet HTML 4Page - Linear Technology LT1195CS8 Datasheet HTML 5Page - Linear Technology LT1195CS8 Datasheet HTML 6Page - Linear Technology LT1195CS8 Datasheet HTML 7Page - Linear Technology LT1195CS8 Datasheet HTML 8Page - Linear Technology LT1195CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1195
1195fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Low Power, High Speed
Operational Amplifier
■
Gain-Bandwidth Product: 50MHz
■
Unity-Gain Stable
■
Slew Rate: 165V/µs
■
Output Current: ±20mA
■
Low Supply Current: 12mA
■
High Open-Loop Gain: 7.5V/mV
■
Low Cost
■
Single Supply 5V Operation
■
Industry Standard Pinout
■
Output Shutdown
■
Video Cable Drivers
■
Video Signal Processing
■
Fast Peak Detectors
■
Fast Integrators
■
Video Cable Drivers
■
Pulse Amplifiers
The LT
®1195 is a video operational amplifier optimized for
operation on single 5V and ±5V supplies. Unlike many
high speed amplifiers, the LT1195 features high open-
loop gain, over 75dB, and the ability to drive heavy loads
to a full power bandwidth of 8.5 MHz at 6VP-P. The LT1195
has a unity-gain stable bandwidth of 50MHz, a 60° phase
margin and consumes only 12mA of supply current,
making it extremely easy to use.
Because the LT1195 is a true operational amplifier, it is an
ideal choice for wideband signal conditioning, fast
integrators, peak detectors, active filters, and applications
requiring speed, accuracy, and low cost.
The LT1195 is a low power version of the popular LT1190,
and is available in 8-pin miniDIPs and SO packages with
standard pinouts. The normally unused Pin 5 is used for a
shutdown feature that shuts off the output and reduces
power dissipation to a mere 15mW.
Fast Pulse Detector
Pulse Detector Response
–
+
LT1195
RS
50Ω
VIN
D2
1N5712
D1
1N5712
RL
10k
–5V
–5V
RB
10k
–5V
5V
CL
1000pF
CI
60pF
RI
1k
1195 TA01
3
2
4
7
6
1195TAO2
OUTPUT
INPUT
, LTC and LT are registered trademarks of Linear Technology Corporation


Similar Part No. - LT1195CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1195CS8 LINER-LT1195CS8 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
More results

Similar Description - LT1195CS8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826 AD-AD826_15 Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com