Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-48 Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PL560-48
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-48 Datasheet(HTML) 8 Page - PhaseLink Corporation

Back Button PL560-48 Datasheet HTML 4Page - PhaseLink Corporation PL560-48 Datasheet HTML 5Page - PhaseLink Corporation PL560-48 Datasheet HTML 6Page - PhaseLink Corporation PL560-48 Datasheet HTML 7Page - PhaseLink Corporation PL560-48 Datasheet HTML 8Page - PhaseLink Corporation PL560-48 Datasheet HTML 9Page - PhaseLink Corporation PL560-48 Datasheet HTML 10Page - PhaseLink Corporation PL560-48 Datasheet HTML 11Page - PhaseLink Corporation PL560-48 Datasheet HTML 12Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 8
the amplitude on the scope is maximum and record the generator frequency. For example, the peak is recorded
at 29.8x2 or 59.6 MHz.
Measuring 320 MHz L2X: Connect the RF generator and scope probe as shown in Figure 6, above. While
power is applied to the PCB, set the generator output to +12 dBm and the frequency to 80 MHz. Since this is the
2x port the scope will show 160 MHz with ~ 3V pk-pk amplitude. Vary the generator above and below 80 MHz
until the amplitude on the scope is maximum and record the generator frequency. For example, the peak is
recorded at 78.0 x 2 = 156 MHz
In the AFM Tuning Assistant, add the scope’s probe capacitance to the Cstray cell. For our example 0.5 pF + 1.0
pF = 1.5 pF. With L2X at 24 nH adjust LWB1 (cell B23) until the peak frequency reads 156 MHz. Next replace the
L2X value with 180 nH and see if it peaks at 59.6 MHz. If it does not, adjust Cstray until 59.4 MHz is achieved.
Again enter 24 nH for L2X and fine tune LWB1 for 156 MHz.
Results: LWB1 = 1.6 nH, Cstray = 2.9 pF-0.5 pF = 2.4 pF (subtract scope probe stray capacitance)
Repeat the same steps for the L4X: Set the generator to 80 MHz. The 82 nH peaks at 118 MHz and the 10 nH
peaks at 304 MHz.
Results: LWB1 = 1.8 nH, Cstray = 2.5 pF-0.5 pF = 2.0 pF (subtract scope probe stray capacitance)
Internal Capacitor Selection by Device
Cinternal (pF)
Device Number
2X
4X
P560-0x
7.625
6.250
P560-3x
34.125
16.500
P560-4x
34.125
P560-6x
7.625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com