Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDP323B Datasheet(PDF) 20 Page - Zilog, Inc.

Part # ZDP323B
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button ZDP323B Datasheet HTML 16Page - Zilog, Inc. ZDP323B Datasheet HTML 17Page - Zilog, Inc. ZDP323B Datasheet HTML 18Page - Zilog, Inc. ZDP323B Datasheet HTML 19Page - Zilog, Inc. ZDP323B Datasheet HTML 20Page - Zilog, Inc. ZDP323B Datasheet HTML 21Page - Zilog, Inc. ZDP323B Datasheet HTML 22Page - Zilog, Inc. ZDP323B Datasheet HTML 23Page - Zilog, Inc. ZDP323B Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 17
15 Electrical Characteristics
15.1 Absolute Maximum Ratings
Stresses greater than those listed in Table 6 can cause permanent damage to the device.
These ratings are stress ratings only. Operation of the device at any condition outside those
indicated in the operational sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods can affect device reliability.
Ta = 25
C unless otherwise specified.
Table 6 - Absolute Maximum Ratings
Parameter
Min
Max
Units
Supply voltage on VDD
-0.3
+6.5
V
Input Voltage
-0.3
VDD + 0.3
V
Input Current
-10
+10
mA
Output Voltage
GND
VDD
V
Output Current
-4.0
+4.0
mA
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
15.2 DC Characteristics
Ta = 25°C ±5°C unless otherwise specified.
Table 7 - DC Characteristics
Symbol
Parameter
Specification
Conditions
VDD
Supply Voltage
1.8 V to 5.5 V
-
IDD
Supply Current
Max: 5.0 µA
Typ: 3.0 µA
VDD = 3.0V
Excluding external I2C pull-up
resistors.
VDR
Data Retention Voltage
Min: 1.8 V
Required supply voltage to maintain
register setting data
VIH
High Level Input Voltage
Min: VDD x 0.9
VIL
Low Level Input Voltage
Max: VDD x 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com