Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-15-XXXTC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611S-15-XXXTC-R
Description  1.8V-3.3V PicoPLLTM 32K Programmable Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-15-XXXTC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-15-XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-15-XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-15-XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-15-XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-15-XXXTC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-15-XXXTC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(Preliminary)
PL611s-15
1.8V-3.3V PicoPLLTM 32K Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/18/06 Page 1
FEATURES
• Advanced Programmable PLL design for low-
frequency (KHz) input applications.
• OTP selectable AC/DC Ref. Coupling.
• Accepts <1.0V reference signal input voltage
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Output frequency up to
o 133MHz @ 1.8V operation
o 166MHz @ 2.5V operation
o 200MHz @ 3.3V operation
• Offered in Tiny GREEN/RoHS compliant packages
o 6-pin DFN (2.0mmx1.3mmx0.6mm)
o 6-pin SC70 (2.3mmx2.25mmx1.0mm)
o 6-pin SOT23 (3.0mmx3.0mmx1.35mm)
• Input Frequency: 10KHz – 200MHz
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from 0°C to 70°C
DESCRIPTION
The PL611s-15 is a low-cost general purpose
frequency synthesizer and a member of PhaseLink’s
PicoPLLTM Factory Programmable ‘Quick Turn Clock
(QTC)’ family. Designed to fit in a small SOT23,
SC70, or DFN package for high performance
applications, the PL611s-15 accepts low frequency
(>10KHz) Reference input and generates up to
200MHz output with the best phase noise, jitter
performance, and power consumption for handheld
devices and notebook applications. Cascading
PL611s-15 with other PicoPLL ICs could result in
producing all required system clocks with specific
savings in board space, power consumption, and
cost.
PACKAGE PIN ASSIGNMENT
BLOCK DIAGRAM
Charge
Pump
VCO
FIN
Programmable Function
Phase
Detector
R-Counter
(7-bit)
M-Counter
(16-bit)
P-Counter
(4-bit)
FVCO = FRef * (2* M/R)
CLK0
FOut = FVCO /2*P
1
2
34
5
6
VDD
GNDA
FIN
GND
LF
CLK0
DFN-6L
(2.0mmx1.3mmx0.6mm)
SOT23-6L
(3.0mmx3.0mmx1.35mm)
1
2
34
5
6
FIN
GNDA
VDD
GND
SC70-6L
(2.3mmx2.25mmx1.0mm)
LF
CLK0
FIN
VDD
LF
GND
CLK0
GNDA
1
2
3
6
5
4


Similar Part No. - PL611S-15-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXGC-R PLL-PL611S-16-XXXGC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXTC-R PLL-PL611S-16-XXXTC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXUC-R PLL-PL611S-16-XXXUC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
More results

Similar Description - PL611S-15-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Integrated Device Techn...
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com